Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4841-2YCPZ-R2 Datasheet(PDF) 20 Page - Analog Devices

Part # ADA4841-2YCPZ-R2
Description  Low Power, Low Noise and Distortion Rail-to-Rail Output Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4841-2YCPZ-R2 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADA4841-2YCPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4841-2YCPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4841-2YCPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4841-2YCPZ-R2 Datasheet HTML 15Page - Analog Devices ADA4841-2YCPZ-R2 Datasheet HTML 16Page - Analog Devices ADA4841-2YCPZ-R2 Datasheet HTML 17Page - Analog Devices ADA4841-2YCPZ-R2 Datasheet HTML 18Page - Analog Devices ADA4841-2YCPZ-R2 Datasheet HTML 19Page - Analog Devices ADA4841-2YCPZ-R2 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
ADA4841-1/ADA4841-2
Data Sheet
Rev. G | Page 20 of 20
2.44
2.34
2.24
0.30
0.25
0.20
PIN 1 INDEX
AREA
0.80
0.75
0.70
1.70
1.60
1.50
0.203 REF
0.05 MAX
0.02 NOM
0.50 BSC
3.10
3.00 SQ
2.90
COPLANARITY
0.08
0.50
0.40
0.30
COMPLIANT
TO JEDEC STANDARDS MO-229-W3030D-4
0.20 MIN
8
1
5
4
SEATING
PLANE
TOP VIEW
SIDE VIEW
EXPOSED
PAD
BOTTOM VIEW
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET
PIN 1
INDIC ATOR AREA OPTIONS
(SEE DETAIL A)
1
DETAIL A
(JEDEC 95)
Figure 55. 8-Lead Lead Frame Chip Scale Package [LFCSP]
3 mm × 3 mm Body and 0.75 mm Package Height
(CP-8-11)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Ordering Quantity
Branding
ADA4841-1YRZ
−40°C to +125°C
8-Lead SOIC_N
R-8
1
ADA4841-1YRZ-R7
−40°C to +125°C
8-Lead SOIC_N
R-8
1,000
ADA4841-1YRZ-RL
−40°C to +125°C
8-Lead SOIC_N
R-8
2,500
ADA4841-1YRJZ-R2
−40°C to +125°C
6-Lead SOT-23
RJ-6
250
HQB
ADA4841-1YRJZ-R7
−40°C to +125°C
6-Lead SOT-23
RJ-6
3,000
HQB
ADA4841-2YRMZ
−40°C to +125°C
8-Lead MSOP
RM-8
1
HRB
ADA4841-2YRMZ-R7
−40°C to +125°C
8-Lead MSOP
RM-8
1,000
HRB
ADA4841-2YRMZ-RL
−40°C to +125°C
8-Lead MSOP
RM-8
3,000
HRB
ADA4841-2YRZ
−40°C to +125°C
8-Lead SOIC_N
R-8
1
ADA4841-2YRZ-R7
−40°C to +125°C
8-Lead SOIC_N
R-8
1,000
ADA4841-2YRZ-RL
−40°C to +125°C
8-Lead SOIC_N
R-8
2,500
ADA4841-2YCPZ-R2
−40°C to +125°C
8-Lead LFCSP
CP-8-11
250
HRB
ADA4841-2YCPZ-R7
−40°C to +125°C
8-Lead LFCSP
CP-8-11
1,500
HRB
ADA4841-2YCPZ-RL
−40°C to +125°C
8-Lead LFCSP
CP-8-11
5,000
HRB
1 Z = RoHS Compliant Part.
©2005–2017 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D05614–0–3/17(G)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com