Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CWSC11JCACCS Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # CWSC11JCACCS
Description  General Specifications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

CWSC11JCACCS Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  CWSC11JCACCS Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. CWSC11JCACCS Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. CWSC11JCACCS Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. CWSC11JCACCS Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. CWSC11JCACCS Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Series CWSC
LED Miniature Power Rockers
B25
B
www.nkkswitches.com
HOUSING
On Off (I O) symbols
are molded on the bezel.
Black Housing
with Snap-in Mounting
A
Solder Lug/
.110” (2.79mm) Quick Connect
S
TERMINALS
CAP TYPES & COLORS
Rocker
Cap/Diffuser
Caps are factory assembled and
are not available separately.
JC
JD
JF
Clear/Red
Clear/Amber
Clear/Green
Cap/Diffuser Colors Available
(3.2)
.126
(1.6)
.063
(7.1)
.280
(2.79)
.110
Thk = (0.5)
.020
LED SPECIFICATIONS & COLORS
F
D
C
The LED is factory assembled and not
available separately. LED circuit
is isolated and requires an external
power source. Polarity marks are
on the bottom of the switch.
The electrical specifications shown are
determined at a basic temperature of
25°C.
If the source voltage exceeds the rated
voltage, a ballast resistor is required.
The resistor value can be calculated by
using the formula in the Supplement.
Red
Amber
Green
Maximum Forward Current
I
FM
30mA
30mA
30mA
Typical Forward Current
I
F
20mA
20mA
20mA
Forward Voltage
V
F
1.95V
2.0V
2.1V
Maximum Reverse Voltage
V
RM
5V
5V
5V
Current Reduction Rate
above 25°C
∆I
F
0.41mA/°C
0.29mA/°C
0.39mA/°C
Ambient Temperature Range
–10°C ~ +50°C
(+)
(-)
Colors:
POLE & CIRCUITS
Rocker Position
Connected Terminals
Throw & Switch/Lamp Schematics
Pole
Model
Down
Center
Up
Down
Center
Up
Notes: Terminal numbers and polarity are
actually on the switch.
SP
CWSC11
ON
NONE
OFF
1-1a
OPEN
OPEN
SPST
DP
CWSC21
ON
NONE
OFF
1-1a 2-2a OPEN
OPEN
DPST
(+)
(-)
(+)
(-)
1
2
(COM)
1a
2a
1 (COM)
1a



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com