Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CWSC11JCACCS Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # CWSC11JCACCS
Description  General Specifications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

CWSC11JCACCS Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  CWSC11JCACCS Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. CWSC11JCACCS Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. CWSC11JCACCS Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. CWSC11JCACCS Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. CWSC11JCACCS Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Series CWSC
LED Miniature Power Rockers
B22
B
www.nkkswitches.com
General Specifications
Electrical Capacity (Resistive Load)
Power Level:
9A @ 125V AC or 6A @ 250V AC
Other Ratings
Contact Resistance:
20 milliohms maximum
Insulation Resistance:
500 megohms minimum @ 500V DC
Dielectric Strength:
1,500V AC minimum between contacts for 1 minute minimum;
3,000V AC minimum between contacts & case for 1 minute minimum
Mechanical Life:
30,000 operations minimum
Electrical Life:
10,000 operations minimum
Nominal Operating Force:
Single Pole 4.50N; Double Pole 10.0N
Angle of Throw:
33°
Materials & Finishes
Rocker:
Polycarbonate
Housing:
Polyamide
Movable Contactor:
Beryllium copper with silver plating
Movable Contacts:
Silver alloy
Stationary Contacts:
Silver alloy
Switch Terminals:
Brass with silver plating
Lamp Terminals:
Brass with silver plating
Environmental Data
Operating Temp Range:
–10°C through +50°C (+14°F through +122°F)
Humidity:
90 ~ 95% humidity for 96 hours @ 40°C (104°F)
Vibration:
10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning
in 1 minute; 3 right angled directions for 2 hours
Shock:
50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
Installation
Soldering Time & Temp:
Manual Soldering: See Profile A in Supplement section.
Standards & Certifications
UL:
File No. E44145
All models recognized at 9A @ 125V AC & 6A @ 250V AC.
cULus marking on case is standard.


Similar Part No. - CWSC11JCACCS

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
CWSC11JCACS NKK-CWSC11JCACS Datasheet
207Kb / 5P
LED Miniature Power Rockers
More results

Similar Description - CWSC11JCACCS

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
General Specifications
06035A2R7BAT2A AVX-06035A2R7BAT2A Datasheet
134Kb / 4P
General Specifications
06035C103KAT4A AVX-06035C103KAT4A Datasheet
131Kb / 4P
General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
General Specifications
08055C220JAT2A AVX-08055C220JAT2A Datasheet
131Kb / 4P
General Specifications
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
General Specifications
logo
Nihon Kaiheiki Industry...
M2012S2A2G30 NKK-M2012S2A2G30 Datasheet
338Kb / 10P
General Specifications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com