Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5184 Datasheet(PDF) 1 Page - NEC

Part # 2SC5184
Description  SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5184 Datasheet(HTML) 1 Page - NEC

  2SC5184 Datasheet HTML 1Page - NEC 2SC5184 Datasheet HTML 2Page - NEC 2SC5184 Datasheet HTML 3Page - NEC 2SC5184 Datasheet HTML 4Page - NEC 2SC5184 Datasheet HTML 5Page - NEC 2SC5184 Datasheet HTML 6Page - NEC 2SC5184 Datasheet HTML 7Page - NEC 2SC5184 Datasheet HTML 8Page - NEC 2SC5184 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
PLEASE
NOTE:
PLEASE
NOTE:
PLEASE
NOTE:
PLEASE
NOTE:
PLEASE
NOTE:
The
following
part
numbers
The
following
part
numbers
The
following
part
numbers
The
following
part
numbers
The
following
part
numbers
from
this
datasheet
are
not
from
this
datasheet
are
not
from
this
datasheet
are
not
from
this
datasheet
are
not
from
this
datasheet
are
not
recommended
for
new
design.
recommended
for
new
design.
recommended
for
new
design.
recommended
for
new
design.
recommended
for
new
design.
Please
call
sales
office
for
Please
call
sales
office
for
Please
call
sales
office
for
Please
call
sales
office
for
Please
call
sales
office
for
details:
details:
details:
details:
details:
NE68730
NE68730
NE68730
NE68730
NE68730
NE68733
NE68733
NE68733
NE68733
NE68733
NE68739
NE68739
NE68739
NE68739
NE68739
NE68739R
NE68739R
NE68739R
NE68739R
NE68739R
PART NUMBER1
NE68718
NE68719
NE68730
NE68733
NE68739/39R
EIAJ2 REGISTERED NUMBER
2SC5185
2SC5186
2SC5184
2SC5182
2SC5183/83R
PACKAGE OUTLINE
18
19
30
33
39/39R
SYMBOLS
PARAMETERS AND CONDITIONS UNITS MIN TYP MAX MIN TYP MAX MIN TYP MAX MIN TYP MAX MIN TYP MAX
fT
Gain Bandwidth Product at
VCE = 2 V, IC = 20 mA, f = 2.0 GHz
GHz
10
13
9
11
9
11
9
12
7.5
10
fT
Gain Bandwidth Product at
VCE = 1 V, IC = 10 mA, f = 2.0 GHz
GHz
8
11
7
9
7
9
7
10
7
8.5
NFMIN
Minimum Noise Figure at
VCE = 2 V, IC = 3 mA, f = 2.0 GHz
dB
1.3
2.0
1.3
2.0
1.3
2.0
1.3
2.0
1.3
2.0
NFMIN
Minimum Noise Figure at
VCE = 1 V, IC = 3 mA, f = 2.0 GHz
dB
1.3
2.0
1.3
2.0
1.3
2.0
1.3
2.0
1.3
2.0
|S21e|2
Insertion Power Gain at
VCE = 2V, IC =20 mA, f = 2.0 GHz
dB
8
11
8.5
10
7
8.5
7
8.5
7.5
10
|S21e|2
Insertion Power Gain at
VCE = 1V, IC =10 mA, f = 2.0 GHz
dB
7.5
9
6
7.5
6
7.5
6
7.5
7
8.5
hFE
Forward Current Gain3 at
VCE = 2 V, IC = 20 mA
70
140
70
140
70
140
70
140
70
140
ICBO
Collector Cutoff Current
at VCB = 5 V, IE = 0 mA
nA
100
100
100
100
100
IEBO
Emitter Cutoff Current
at VEB = 1 V, IC = 0 mA
nA
100
100
100
100
100
CRE4
Feedback Capacitance at
VCB = 2 V, IE = 0 mA, f = 1 MHz
pF
0.3
0.6
0.4
0.8
0.4
0.8
0.4
0.8
0.4
0.8
PT
Total Power Dissipation
mW
90
90
90
90
90
RTH(J-A)
Thermal Resistance
(Junction to Ambient)
°C/W
833
1250
833
625
625
RTH(J-C)
Thermal Resistance
(Junction to Case)
°C/W
SURFACE MOUNT NPN SILICON
HIGH FREQUENCY TRANSISTOR
NE687
SERIES
FEATURES
30 (SOT 323 STYLE)
18 (SOT 343 STYLE)
39 (SOT 143 STYLE)
33 (SOT 23 STYLE)
19 (3 PIN ULTRA SUPER
MINI MOLD)
39R (SOT 143R STYLE)
DESCRIPTION
The NE687 series of NPN epitaxial silicon transistors are
designed for low cost, low noise applications. Excellent perfor-
mance at low voltage/low current makes this series an ideal
choice for portable wireless applications at 1.6, 1.9 and 2.4
GHz. The NE687 die is available in six different low cost plastic
surface mount package styles.
ELECTRICAL CHARACTERISTICS (TA = 25°C)
• LOW NOISE: 1.3 dB AT 2.0 GHz
• LOW VOLTAGE OPERATION
• EASY TO MATCH
• HIGH GAIN BANDWIDTH PRODUCT: fT of 13 GHz
• AVAILABLE IN SIX LOW COST PLASTIC SURFACE
MOUNT PACKAGE STYLES
Notes:
1. Precaution: Devices are ESD sensitive. Use proper handling procedures.
2. Electronic Industrial Association of Japan.
California Eastern Laboratories
3. Pulsed measurement, PW ≤ 350 µs, duty cycle ≤ 2%.
4. The emitter terminal should be connected to the ground terminal
of the 3 terminal capacitance bridge.


Similar Part No. - 2SC5184

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5184 NEC-2SC5184 Datasheet
58Kb / 12P
NPN EPITAXIAL SILICON TRANSISTOR IN SUPER MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
logo
Renesas Technology Corp
2SC5184 RENESAS-2SC5184 Datasheet
189Kb / 14P
SILICON TRANSISTOR
1994
logo
NEC
2SC5184-T1 NEC-2SC5184-T1 Datasheet
58Kb / 12P
NPN EPITAXIAL SILICON TRANSISTOR IN SUPER MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
2SC5184-T2 NEC-2SC5184-T2 Datasheet
58Kb / 12P
NPN EPITAXIAL SILICON TRANSISTOR IN SUPER MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
More results

Similar Description - 2SC5184

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF5583 MOTOROLA-MRF5583 Datasheet
67Kb / 4P
SURFACE MOUNT HIGH-FREQUENCY TRANSISTOR PNP SILICON
logo
NEC
NE686 NEC-NE686 Datasheet
140Kb / 11P
SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
NE685 NEC-NE685 Datasheet
176Kb / 17P
SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
NE688 NEC-NE688 Datasheet
231Kb / 19P
SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE685 CEL-NE685 Datasheet
354Kb / 18P
SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
NE686 CEL-NE686 Datasheet
258Kb / 12P
SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
NE687 CEL-NE687 Datasheet
314Kb / 22P
SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
NE688 CEL-NE688 Datasheet
347Kb / 20P
SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Central Semiconductor C...
CXT5551HC CENTRAL-CXT5551HC_10 Datasheet
289Kb / 2P
SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
CZT853 CENTRAL-CZT853_10 Datasheet
535Kb / 2P
SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com