Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7981 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7981
Description  High Temperature, 16-Bit, 600 kSPS PulSAR ADC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7981 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7981 Datasheet HTML 9Page - Analog Devices AD7981 Datasheet HTML 10Page - Analog Devices AD7981 Datasheet HTML 11Page - Analog Devices AD7981 Datasheet HTML 12Page - Analog Devices AD7981 Datasheet HTML 13Page - Analog Devices AD7981 Datasheet HTML 14Page - Analog Devices AD7981 Datasheet HTML 15Page - Analog Devices AD7981 Datasheet HTML 16Page - Analog Devices AD7981 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Data Sheet
AD7981
Rev. B | Page 13 of 26
TERMINOLOGY
Integral Nonlinearity (INL)
INL refers to the deviation of each individual code from a line
drawn from negative full scale through positive full scale. The
point used as negative full scale occurs ½ LSB before the first
code transition. Positive full scale is defined as a level 1½ LSB
beyond the last code transition. The deviation is measured from
the middle of each code to the true straight line (see Figure 37).
Differential Nonlinearity (DNL)
In an ideal ADC, code transitions are 1 LSB apart. DNL is the
maximum deviation from this ideal value. It is often specified in
terms of resolution for which no missing codes are guaranteed.
Zero Error
The first transition occurs at a level ½ LSB above analog ground
(38.1 µV for the 0 V to 5 V range). The offset error is the
deviation of the actual transition from that point.
Gain Error
The last transition (from 111 … 10 to 111 … 11) occurs for an
analog voltage 1½ LSB below the nominal full scale (4.999886 V
for the 0 V to 5 V range). The gain error is the deviation of the
actual level of the last transition from the ideal level after the
offset is adjusted out.
Spurious-Free Dynamic Range (SFDR)
SFDR is the difference, in decibels (dB), between the rms
amplitude of the input signal and the peak spurious signal.
Effective Number of Bits (ENOB)
ENOB is a measurement of the resolution with a sine wave
input. It is related to SINAD by the following formula and is
expressed in bits:
ENOB = (SINADdB − 1.76)/6.02
Noise Free Code Resolution
Noise free code resolution is the number of bits beyond which it
is impossible to distinctly resolve individual codes. It is
calculated as follows and is expressed in bits:
Noise Free Code Resolution = log2(2N/Peak-to-Peak Noise)
Effective Resolution
Effective resolution is calculated as follows and is expressed in
bits:
Effective Resolution = log2(2N/RMS Input Noise)
Total Harmonic Distortion (THD)
THD is the ratio of the rms sum of the first five harmonic
components to the rms value of a full-scale input signal and is
expressed in dB.
Dynamic Range
Dynamic range is the ratio of the rms value of the full scale to
the total rms noise measured with the inputs shorted together. It
is measured with a signal at −60 dBFS to include all noise sources
and DNL artifacts. The value for dynamic range is expressed in dB.
Signal-to-Noise Ratio (SNR)
SNR is the ratio of the rms value of the actual input signal to the
rms sum of all other spectral components below the Nyquist
frequency, excluding harmonics and dc. The value for SNR is
expressed in dB.
Signal-to-Noise-and-Distortion (SINAD) Ratio
SINAD is the ratio of the rms value of the actual input signal to
the rms sum of all other spectral components below the Nyquist
frequency, including harmonics but excluding dc. The value for
SINAD is expressed in dB.
Aperture Delay
Aperture delay is the measure of the acquisition performance. It
is the time between the rising edge of the CNV input and when
the input signal is held for a conversion.
Transient Response
Transient response is the time required for the ADC to
accurately acquire its input after a full-scale step function is
applied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com