Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7981 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7981
Description  High Temperature, 16-Bit, 600 kSPS PulSAR ADC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7981 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7981 Datasheet HTML 17Page - Analog Devices AD7981 Datasheet HTML 18Page - Analog Devices AD7981 Datasheet HTML 19Page - Analog Devices AD7981 Datasheet HTML 20Page - Analog Devices AD7981 Datasheet HTML 21Page - Analog Devices AD7981 Datasheet HTML 22Page - Analog Devices AD7981 Datasheet HTML 23Page - Analog Devices AD7981 Datasheet HTML 24Page - Analog Devices AD7981 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Data Sheet
AD7981
Rev. B | Page 21 of 26
CS MODE, 4-WIRE WITH A BUSY INDICATOR
The 4-wire CS mode with a busy indicator is typically used
when a single AD7981 is connected to an SPI-compatible digital
host that has an interrupt input, and it is desired to keep CNV,
which is used to sample the analog input, independent of the
signal used to select the data reading. This requirement is
particularly important in applications where low jitter on CNV
is desired.
The connection diagram is shown in Figure 48, and the
corresponding timing is given in Figure 49.
With SDI high, a rising edge on CNV initiates a conversion, selects
CS mode, and forces SDO to high impedance. In this mode, CNV
must be held high during the conversion phase and the subsequent
data readback (if SDI and CNV are low, SDO is driven low).
Prior to the minimum conversion time, SDI can be used to
select other SPI devices, such as analog multiplexers, but SDI
must be returned low before the minimum conversion time
elapses and then held low for the maximum conversion time to
guarantee the generation of the busy signal indicator. When the
conversion is complete, SDO goes from high impedance to low.
With a pull-up resistor on the SDO line, use this transition as an
interrupt signal to initiate the data readback controlled by the
digital host. The AD7981 then enters the acquisition phase and
powers down. The data bits are clocked out, MSB first, by
subsequent SCK falling edges. The data is valid on both SCK
edges. Although the rising edge captures the data, a digital host
using the SCK falling edge allows a faster reading rate provided
it has an acceptable hold time. After the optional 17th SCK
falling edge or SDI going high, whichever is earlier, the SDO
returns to high impedance.
Figure 48. 4-Wire CS Mode with Busy Indicator Connection Diagram
Figure 49. 4-Wire CS Mode with Busy Indicator Serial Interface Timing
AD7981 SDO
SDI
DATA INPUT
IRQ
DIGITAL HOST
CONVERT
CS1
CLK
VIO
47kΩ
CNV
SCK
tCONV
tCYC
ACQUISITION
tSSDICNV
ACQUISITION
tACQ
tSCK
tSCKH
tSCKL
CONVERSION
SDI
tHSDICNV
SCK
CNV
SDO
tEN
D15
D14
D1
D0
tHSDO
12
3
15
16
17
tDSDO
tDIS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com