Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8422ARZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8422ARZ-R7
Description  High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8422ARZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8422ARZ-R7 Datasheet HTML 10Page - Analog Devices AD8422ARZ-R7 Datasheet HTML 11Page - Analog Devices AD8422ARZ-R7 Datasheet HTML 12Page - Analog Devices AD8422ARZ-R7 Datasheet HTML 13Page - Analog Devices AD8422ARZ-R7 Datasheet HTML 14Page - Analog Devices AD8422ARZ-R7 Datasheet HTML 15Page - Analog Devices AD8422ARZ-R7 Datasheet HTML 16Page - Analog Devices AD8422ARZ-R7 Datasheet HTML 17Page - Analog Devices AD8422ARZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Data Sheet
AD8422
–20
–10
0
10
20
30
40
50
60
70
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
GAIN = 1
GAIN = 10
GAIN = 100
GAIN = 1000
Figure 22. Gain vs. Frequency
40
60
80
100
120
140
160
180
FREQUENCY (Hz)
GAIN = 1
GAIN = 10
GAIN = 100
GAIN = 1000
0.1
1
10
100
1k
10k
100k
Figure 23. CMRR vs. Frequency
40
60
80
100
120
140
160
180
FREQUENCY (Hz)
GAIN = 1
GAIN = 10
GAIN = 100
GAIN = 1000
0.1
1
10
100
1k
10k
100k
Figure 24. CMRR vs. Frequency, 1 kΩ Source Imbalance
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0
10
20
30
40
50
60
70
80
90
100
TIME (s)
Figure 25. Change in Input Offset Voltage (VOSI) vs. Warm-Up Time
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
40
25
10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
VS = ±15V
NORMALIZED AT 25°C
Figure 26. Input Bias Current and Input Offset Current vs. Temperature
–100
–80
–60
–40
–20
0
20
40
60
80
100
–40
–25
–10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
REPRESENTATIVE SAMPLES
NORMALIZED AT 25°C
Figure 27. Gain vs. Temperature (G = 1)
Rev. A | Page 13 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com