Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9249 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9249
Description  16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9249 Datasheet(HTML) 2 Page - Analog Devices

  AD9249 Datasheet HTML 1Page - Analog Devices AD9249 Datasheet HTML 2Page - Analog Devices AD9249 Datasheet HTML 3Page - Analog Devices AD9249 Datasheet HTML 4Page - Analog Devices AD9249 Datasheet HTML 5Page - Analog Devices AD9249 Datasheet HTML 6Page - Analog Devices AD9249 Datasheet HTML 7Page - Analog Devices AD9249 Datasheet HTML 8Page - Analog Devices AD9249 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
AD9249* PRODUCT PAGE QUICK LINKS
Last Content Update: 06/09/2017
COMPARABLE PARTS
View a parametric search of comparable parts.
EVALUATION KITS
• AD9249 Evaluation Board
DOCUMENTATION
Data Sheet
• AD9249: 16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V
ADC Data Sheet
TOOLS AND SIMULATIONS
• AD9249 ADISimADC model
• AD9249 Input Impedance
REFERENCE MATERIALS
Press
• Low-Power 14-bit A/D Converters Enable High-
Performance, Multi-Channel Data Acquisition in Compact
Package
DESIGN RESOURCES
• AD9249 Material Declaration
• PCN-PDN Information
• Quality And Reliability
• Symbols and Footprints
DISCUSSIONS
View all AD9249 EngineerZone Discussions.
SAMPLE AND BUY
Visit the product page to see pricing options.
TECHNICAL SUPPORT
Submit a technical question or find your regional support
number.
DOCUMENT FEEDBACK
Submit feedback for this data sheet.
This page is dynamically generated by Analog Devices, Inc., and inserted into this data sheet. A dynamic change to the content on this page will not
trigger a change to either the revision number or the content of the product data sheet. This dynamic page may be frequently modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com