Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9249 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9249
Description  16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9249 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9249 Datasheet HTML 17Page - Analog Devices AD9249 Datasheet HTML 18Page - Analog Devices AD9249 Datasheet HTML 19Page - Analog Devices AD9249 Datasheet HTML 20Page - Analog Devices AD9249 Datasheet HTML 21Page - Analog Devices AD9249 Datasheet HTML 22Page - Analog Devices AD9249 Datasheet HTML 23Page - Analog Devices AD9249 Datasheet HTML 24Page - Analog Devices AD9249 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
AD9249
Data Sheet
Rev. 0 | Page 20 of 36
If a low jitter clock source is not available, another option is to
ac couple a differential PECL signal to the sample clock input
pins, as shown in Figure 41. The AD9510/AD9511/AD9512/
AD9513/AD9514/AD9515-x/AD9516-x/AD9517-x clock
drivers offer excellent jitter performance.
Figure 41. Differential PECL Sample Clock (Up to 520 MHz)
A third option is to ac couple a differential LVDS signal to the
sample clock input pins, as shown in Figure 42. The AD9510/
AD9511/AD9512/AD9513/AD9514/AD9515-x/AD9516-x/
AD9517-x clock drivers offer excellent jitter performance.
Figure 42. Differential LVDS Sample Clock (Up to 520 MHz)
In some applications, it may be acceptable to drive the sample
clock inputs with a single-ended 1.8 V CMOS signal. In such
applications, drive the CLK+ pin directly from a CMOS gate, and
bypass the CLK− pin to ground with a 0.1 μF capacitor (see
Figure 43).
Figure 43. Single-Ended 1.8 V CMOS Input Clock (Up to 200 MHz)
Input Clock Divider
The AD9249 contains an input clock divider with the ability
to divide the input clock by integer values from 1 to 8.
The AD9249 clock divider can be synchronized using the
external SYNC input. Bit 0 and Bit 1 of Register 0x109 allow the
clock divider to be resynchronized on every SYNC signal or
only on the first SYNC signal after the register is written. A
valid SYNC causes the clock divider to reset to its initial state.
This synchronization feature allows the clock dividers of multiple
devices to be aligned to guarantee simultaneous input sampling.
Clock Duty Cycle
Typical high speed ADCs use both clock edges to generate a variety
of internal timing signals and, as a result, may be sensitive to clock
duty cycle. Commonly, a ±5% tolerance is required on the clock
duty cycle to maintain dynamic performance characteristics.
The AD9249 contains a duty cycle stabilizer (DCS) that retimes
the nonsampling (falling) edge, providing an internal clock signal
with a nominal 50% duty cycle. This allows the user to provide
a wide range of clock input duty cycles without affecting the per-
formance of the AD9249. Noise and distortion performance are
nearly flat for a wide range of duty cycles with the DCS turned on.
Jitter on the rising edge of the input is still of concern and is not
easily reduced by the internal stabilization circuit. The duty
cycle control loop does not function for clock rates of less than
20 MHz, nominally. The loop has a time constant associated
with it that must be considered in applications in which the
clock rate can change dynamically. A wait time of 1.5 µs to 5 µs
is required after a dynamic clock frequency increase or decrease
before the DCS loop is relocked to the input signal.
Jitter Considerations
High speed, high resolution ADCs are sensitive to the quality of the
clock input. The degradation in SNR at a given input frequency
(fA) that is due only to aperture jitter (tJ) is expressed by
SNR Degradation = 20 log10
×
×
J
A
t
f
π
2
1
In this equation, the rms aperture jitter represents the root-sum-
square of all jitter sources, including the clock input, analog input
signal, and ADC aperture jitter specifications. IF undersampling
applications are particularly sensitive to jitter (see Figure 44).
Figure 44. Ideal SNR vs. Input Frequency and Jitter
10
0Ω
0.1µF
0.1µF
0.1µF
0.1µF
240Ω
240Ω
50kΩ
50kΩ
CLK–
CLK+
CLOCK
INPUT
CLOCK
INPUT
ADC
AD951x
PECL DRIVER
10
0Ω
0.1µF
0.1µF
0.1µF
0.1µF
50kΩ
50kΩ
CLK–
CLK+
ADC
CLOCK
INPUT
CLOCK
INPUT
AD951x
LVDS DRIVER
OPTIONAL
100Ω
0.1µF
0.1µF
0.1µF
50Ω1
1
50Ω RESISTOR IS OPTIONAL.
CLK–
CLK+
ADC
VCC
1kΩ
1kΩ
CLOCK
INPUT
AD951x
CMOS DRIVER
1
10
100
1000
16 BITS
14 BITS
12 BITS
30
40
50
60
70
80
90
100
110
120
130
0.125ps
0.25ps
0.5ps
1.0ps
2.0ps
ANALOG INPUT FREQUENCY (MHz)
10 BITS
8 BITS
RMS CLOCK JITTER REQUIREMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com