Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9681 Datasheet(PDF) 39 Page - Analog Devices

Part # AD9681
Description  1.8 V Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9681 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9681 Datasheet HTML 33Page - Analog Devices AD9681 Datasheet HTML 34Page - Analog Devices AD9681 Datasheet HTML 35Page - Analog Devices AD9681 Datasheet HTML 36Page - Analog Devices AD9681 Datasheet HTML 37Page - Analog Devices AD9681 Datasheet HTML 38Page - Analog Devices AD9681 Datasheet HTML 39Page - Analog Devices AD9681 Datasheet HTML 40Page - Analog Devices AD9681 Datasheet HTML 41Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
AD9681
Data Sheet
Rev. C | Page 38 of 40
APPLICATIONS INFORMATION
DESIGN GUIDELINES
Before starting the design and layout of the AD9681 as a system,
it is recommended that the designer become familiar with these
guidelines, which describe the special circuit connections and
layout requirements that are needed for certain pins.
POWER AND GROUND RECOMMENDATIONS
When connecting power to the AD9681, it is recommended
that two separate 1.8 V supplies be used. Use one supply for
analog (AVDD); use a separate supply for the digital outputs
(DRVDD). For both AVDD and DRVDD, use several different
decoupling capacitors for both high and low frequencies. Place
these capacitors near the point of entry at the PCB level and near
the pins of the device, with minimal trace length.
A single PCB ground plane is typically sufficient when using the
AD9681. With proper decoupling and smart partitioning of the
PCB analog, digital, and clock sections, optimum performance
is easily achieved.
BOARD LAYOUT CONSIDERATIONS
For optimal performance, give special consideration to the
AD9681 board layout. The high channel count and small foot-
print of the AD9681 create a dense configuration that must be
managed for matters relating to crosstalk and switching noise.
Sources of Coupling
Trace pairs interfere with each other by inductive coupling and
capacitive coupling. Use the following guidelines:
Inductive coupling is current induced in a trace by a changing
magnetic field from an adjacent trace, caused by its changing
current flow. Mitigate this effect by making traces orthogonal
to each other whenever possible and by increasing the
distance between them.
Capacitive coupling is charge induced in a trace by the
changing electric field of an adjacent trace. This effect can
be mitigated by minimizing facing areas, increasing the
distance between traces, or changing dielectric properties.
Through-vias are particularly good conduits for both types
of coupling and must be used carefully.
Adjacent trace runs on the same layer may cause unbalanced
coupling between channels.
Traces on one layer should be separated by a plane (ac
ground) from the traces on another layer. Significant
coupling occurs through gaps in that plane, such as the
setback around through-vias.
Crosstalk Between Inputs
To avoid crosstalk between inputs, consider the following
guidelines:
When routing inputs, sequentially alternate input channels
on the top and bottom (or other layer) of the board.
Ensure that the top channels have no vias within 5 mm of
any other input channel via.
For bottom channels, use a via-in-pad to minimize top-
metal coupling between channels.
Avoid running input traces parallel with each other that are
nearer than 2 mm apart.
When possible, lay out traces orthogonal to each other and
to any other traces that are not dc.
Secondhand or indirect coupling may occur through
nonrelated dc traces that bridge the distance between two
traces or vias.
Coupling of Digital Output Switching Noise to Analog
Inputs and Clock
To avoid the coupling of digital output switching noise to the
analog inputs and the clock, use the following guidelines:
Vias on the outputs are a main conduit of noise to the vias
on the inputs. Maintain 5 mm of separation between any
output via and any input via.
Place the encode clock traces on the top surface. Vias are
not recommended in the clock traces. However, if they are
required, ensure that there are no clock trace vias within
5 mm of any input via or output via.
Place output surface traces (not imbedded between planes)
orthogonal to one another as much as possible. Avoid
parallel output to input traces within 2 mm.
Route digital output traces away from the analog input side
of the board.
Coupling among outputs is not a critical issue, but separation
between these high speed output pairs increases the noise
margin of the signals and is good practice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com