Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9681 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9681
Description  1.8 V Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9681 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9681 Datasheet HTML 17Page - Analog Devices AD9681 Datasheet HTML 18Page - Analog Devices AD9681 Datasheet HTML 19Page - Analog Devices AD9681 Datasheet HTML 20Page - Analog Devices AD9681 Datasheet HTML 21Page - Analog Devices AD9681 Datasheet HTML 22Page - Analog Devices AD9681 Datasheet HTML 23Page - Analog Devices AD9681 Datasheet HTML 24Page - Analog Devices AD9681 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
AD9681
Data Sheet
Rev. C | Page 20 of 40
THEORY OF OPERATION
The AD9681 is a multistage, pipelined ADC. Each stage
provides sufficient overlap to correct for flash errors in the
preceding stage. The quantized outputs from each stage are
combined into a final 14-bit result in the digital correction
logic. The serializer transmits this converted data in a 16-bit
output. The pipelined architecture permits the first stage to
operate with a new input sample while the remaining stages
operate with preceding samples. Sampling occurs on the rising
edge of the clock.
Each stage of the pipeline, excluding the last, consists of a low
resolution flash ADC connected to a switched-capacitor DAC
and an interstage residue amplifier (for example, a multiplying
digital-to-analog converter (MDAC)). The residue amplifier
magnifies the difference between the reconstructed DAC output
and the flash input for the next stage in the pipeline. One bit of
redundancy is used in each stage to facilitate digital correction
of flash errors. The last stage simply consists of a flash ADC.
The output staging block aligns the data, corrects errors, and
passes the data to the output buffers. The data is then serialized
and aligned to the frame and data clocks.
ANALOG INPUT CONSIDERATIONS
The analog input to the AD9681 is a differential switched
capacitor circuit designed for processing differential input signals.
This circuit can support a wide common-mode range while
maintaining excellent performance. By using an input common-
mode voltage of midsupply, users can minimize signal dependent
errors and achieve optimum performance.
SS
H
CPAR
CSAMPLE
CSAMPLE
CPAR
VIN–x1,
VIN–x2
H
SS
H
VIN+x1,
VIN+x2
H
Figure 35. Switched Capacitor Input Circuit
The clock signal alternately switches the input circuit between
sample mode and hold mode (see Figure 35). When the input
circuit is switched to sample mode, the signal source must be
capable of charging the sample capacitors and settling within
one-half of a clock cycle. A small resistor, in series with each
input, can help reduce the peak transient current injected from
the output stage of the driving source. In addition, low Q inductors
or ferrite beads can be placed on each leg of the input to reduce
high differential capacitance at the analog inputs and, therefore,
achieve the maximum bandwidth of the ADC. Such use of low
Q inductors or ferrite beads is required when driving the converter
front end at high IF frequencies. Place either a differential capacitor
or two single-ended capacitors on the inputs to provide a matching
passive network. This configuration ultimately creates a low-pass
filter at the input to limit unwanted broadband noise. See the
AN-742 Application Note, Frequency Domain Response of
Switched-Capacitor ADCs; the AN-827 Application Note, A
Resonant Approach to Interfacing Amplifiers to Switched-
Capacitor ADCs; and the Analog Dialogue article “Transformer-
Coupled Front-End for Wideband A/D Converters” (Volume 39,
April 2005) for more information. In general, the precise values
vary, depending on the application.
Input Common Mode
The analog inputs of the AD9681 are not internally dc biased.
Therefore, in ac-coupled applications, the user must provide
this bias externally. For optimum performance, set the device so
that VCM = AVDD/2. However, the device can function over a
wider range with reasonable performance, as shown in Figure 36.
An on-chip, common-mode voltage reference is included in the
design and is available at the VCMx pin. Decouple the VCMx pin
to ground using a 0.1 μF capacitor, as described in the Applications
Information section.
Maximum SNR performance is achieved by setting the ADC to
the largest span in a differential configuration. In the case of the
AD9681, the largest available input span is 2 V p-p.
100
20
0.5
VCM (V)
30
40
50
60
70
80
90
0.7
0.9
1.1
1.3
SNR (dBFS)
SFDR (dBc)
Figure 36. SNR/SFDR vs. Common-Mode Voltage;
fIN = 9.7 MHz, fSAMPLE = 125 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com