Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC3121 Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC3121
Description  300mA 2CH Low Dropout Voltage Linear Regulators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3121 Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC3121 Datasheet HTML 1Page - E-CMOS Corporation EC3121 Datasheet HTML 2Page - E-CMOS Corporation EC3121 Datasheet HTML 3Page - E-CMOS Corporation EC3121 Datasheet HTML 4Page - E-CMOS Corporation EC3121 Datasheet HTML 5Page - E-CMOS Corporation EC3121 Datasheet HTML 6Page - E-CMOS Corporation EC3121 Datasheet HTML 7Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 7
5D14N-Rev.F004
EC3121
300mA 2CH Low Dropout Voltage
Linear Regulators
Marking Information
Device
Marking
Information
Package
Type
Remarks
EC3121VVB3R
3121
VVYW
SOT23-6L
1.
VV:Output Voltage(Ex:AN:1.5V+2.8V;DN:1.8V+2.8V)
2.
Y:Year code(D=2013;E=2014;F=2015…)
3.
W :Week Code(The big character of A~Z is for the week of
1~26, and small a~z is for the week of 27~52.)
Pin Configurations
Ordering Information
MD:2.7V+1.8V(Vout1+Vout2)
D7:1.8V+1.2V(Vout1+ Vout2)
DS:1.8V+3.3V(Vout1+Vout2)
7D:1.2V+1.8V(Vout1+ Vout2)
7S:1.2V+3.3V(Vout1+Vout2)
DM:1.8V+2.7V(Vout1+Vout2)
DN:1.8V+2.8V(Vout1+Vout2)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com