Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC3121 Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC3121
Description  300mA 2CH Low Dropout Voltage Linear Regulators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3121 Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC3121 Datasheet HTML 1Page - E-CMOS Corporation EC3121 Datasheet HTML 2Page - E-CMOS Corporation EC3121 Datasheet HTML 3Page - E-CMOS Corporation EC3121 Datasheet HTML 4Page - E-CMOS Corporation EC3121 Datasheet HTML 5Page - E-CMOS Corporation EC3121 Datasheet HTML 6Page - E-CMOS Corporation EC3121 Datasheet HTML 7Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 7
5D14N-Rev.F004
EC3121
300mA 2CH Low Dropout Voltage
Linear Regulators
Absolute Maximum Ratings (Note1)
Power Input Voltage (VIN):
(GND-0.3)~6V
Enable Voltage (VEN1/VEN2):
(GND-0.3)~VIN
Output Voltage(VOUT1+VOUT2)
(GND-0.3)~VIN
Storage Temperature Range(TSTG):
-40℃ to 150℃
Thermal Information(Note2):
Thermal Resistance
Junction to Ambient(
JA)
SOT23-6L
250°C/W
Junction to Case(θJC)
SOT23-6L
180℃/W
Power Dissipation, PD @ TA=25°C (Note 3)
SOT23-6L
250mW
Recommended Operating Conditions(Note 4)
Operating Junction Temperature Range(TJ):
-40℃ to +150℃
Operating Ambient Temperature Range(TOPA):
-40℃ to +85℃
Note 1:Stresses listed as the above
“Absolute Maximum Ratings” may cause permanent damage to the device.
These are for stress ratings. Functional operation of the device at these or any other conditions beyond
those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may remain possibility to affect device reliability.
Note 2:Thermal Resistance is specified with approximately 1 square of 1 oz copper.
Note 3:Thermal Resistance is specified with the component mounted on a low effective thermal conductivity test
board in free air at TA=25°C.
Note 4:The device is not guaranteed to function outside its operating conditions.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com