Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC3121VVB3R Datasheet(PDF) 6 Page - E-CMOS Corporation

Part # EC3121VVB3R
Description  300mA 2CH Low Dropout Voltage Linear Regulators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3121VVB3R Datasheet(HTML) 6 Page - E-CMOS Corporation

  EC3121VVB3R Datasheet HTML 1Page - E-CMOS Corporation EC3121VVB3R Datasheet HTML 2Page - E-CMOS Corporation EC3121VVB3R Datasheet HTML 3Page - E-CMOS Corporation EC3121VVB3R Datasheet HTML 4Page - E-CMOS Corporation EC3121VVB3R Datasheet HTML 5Page - E-CMOS Corporation EC3121VVB3R Datasheet HTML 6Page - E-CMOS Corporation EC3121VVB3R Datasheet HTML 7Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 6 of 7
5D14N-Rev.F004
EC3121
300mA 2CH Low Dropout Voltage
Linear Regulators
Output Capacitor
The EC3121 is designed specifically to work with very small ceramic output capacitors. A ceramic capacitor
(temperature characteristics X7R, X5R) in 1µF is suitable for the EC3121 application.The recommended minimum
capacitance for the device is 1µF(X5R or X7R dielectric ceramic), between VOUT and GND for stability, but it may
be increased without limit. Higher capacitance values help to improve transient. The output capacitor's ESR is
critical because it forms a zero to provide phase lead which is required for loop stability.
Thermal Considerations
The EC3121 series can provide a current of up to 300mA/channel over the full operating junction
temperature range. However, the maximum output current must be debated at higher ambient temperature to
ensure the junction temperature does not exceed 125°C. With all possible conditions, the junction temperature
must be within the range specified under operating conditions. Power dissipation can be calculated based on
the output current and the voltage drop across regulator.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com