Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC3121VVB3R Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC3121VVB3R
Description  300mA 2CH Low Dropout Voltage Linear Regulators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3121VVB3R Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC3121VVB3R Datasheet HTML 1Page - E-CMOS Corporation EC3121VVB3R Datasheet HTML 2Page - E-CMOS Corporation EC3121VVB3R Datasheet HTML 3Page - E-CMOS Corporation EC3121VVB3R Datasheet HTML 4Page - E-CMOS Corporation EC3121VVB3R Datasheet HTML 5Page - E-CMOS Corporation EC3121VVB3R Datasheet HTML 6Page - E-CMOS Corporation EC3121VVB3R Datasheet HTML 7Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 7
5D14N-Rev.F004
EC3121
300mA 2CH Low Dropout Voltage
Linear Regulators
General Description
The EC3121 is a low noise and high accuracy,
high ripple rejection ratio, low dropout, dual CMOS
LDO voltage regulators with enable function. The EN
function allows the output of each regulator to be
turned off independently, resulting in greatly reduced
power consumption.
The current limit of EC3121 is over 350mA per
channel and also operates as a short protection for
the output current limiter. The output voltage for each
regulator is set independently by metal trimming.
The EC3121 comes with low design cost and
outstanding output stability and its compatibility of
working
with
low
ESR
ceramic
capacitors
is
undoubted.
This
high
level
output
stability
is
maintained even during frequent load fluctuations, due
to the excellent transient response performance and
high PSRR achieved across a broad range of
frequency, so these ICs are suitable for hand-held
communication equipment power supply.
Function Block Diagram
Features
Input Voltage Range: 2.5V to 6.0V
Varied Fixed Output Voltage Combinations
150mV Dropout at 100mA Output Current
(VOUT≧2.8V)
Low Quiescent Current
Standby Current :1uA(Typ.)
Current Limit and Short Current Protections
Fast Transient Response
Low ESR Capacitor Compatible(X7R,X5R)
Available in the 6-Pin Pb-Free SOT23-6L Packages


Similar Part No. - EC3121VVB3R

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC3120A05-24.000M-CL ECLIPTEK-EC3120A05-24.000M-CL Datasheet
238Kb / 4P
OSCILLATOR
EC3120A05-24.000M-G ECLIPTEK-EC3120A05-24.000M-G Datasheet
238Kb / 4P
OSCILLATOR
EC3120A05-24000M-CL ECLIPTEK-EC3120A05-24000M-CL Datasheet
238Kb / 4P
OSCILLATOR
EC3120A05-24000M-G ECLIPTEK-EC3120A05-24000M-G Datasheet
238Kb / 4P
OSCILLATOR
EC3120A05ET-24.000M-CL ECLIPTEK-EC3120A05ET-24.000M-CL Datasheet
238Kb / 4P
OSCILLATOR
More results

Similar Description - EC3121VVB3R

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G9131 GMT-G9131 Datasheet
264Kb / 10P
300mA Low-Dropout Linear Regulators
G913 GMT-G913 Datasheet
85Kb / 1P
300mA Low-Dropout Linear Regulators
G9131 GMT-G9131_15 Datasheet
50Kb / 1P
300mA Low-Dropout Linear Regulators
G9093 GMT-G9093 Datasheet
33Kb / 1P
Dual, 300mA Low-Dropout Linear Regulators
G9091 GMT-G9091 Datasheet
48Kb / 2P
300mA Low-Dropout Linear Regulators
G9090 GMT-G9090 Datasheet
47Kb / 2P
300mA Low-Dropout Linear Regulators
G9002 GMT-G9002 Datasheet
58Kb / 2P
300mA Low-Dropout Linear Regulators
G9191 GMT-G9191 Datasheet
32Kb / 1P
300mA Low-Dropout Linear Regulators
G9291 GMT-G9291 Datasheet
32Kb / 1P
300mA Low-Dropout Linear Regulators
logo
E-CMOS Corporation
EC3111 E-CMOS-EC3111 Datasheet
829Kb / 16P
300mA High-PSRR Low Dropout Voltage Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com