Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC4213 Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC4213
Description  Constant Current N-Channel MOSFET Linear LED Controller
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC4213 Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC4213 Datasheet HTML 1Page - E-CMOS Corporation EC4213 Datasheet HTML 2Page - E-CMOS Corporation EC4213 Datasheet HTML 3Page - E-CMOS Corporation EC4213 Datasheet HTML 4Page - E-CMOS Corporation EC4213 Datasheet HTML 5Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
4H22N Rev. F002
EC4213
Constant Current N-Channel MOSFET
Linear LED Controller
3/5
VIN
GND
REXT
VO
Regulator
VCC
VFF
VS
Voltage
Reference
NTC
Thermal
Regulation
DIM
VCS
Control
Circuits
LEDS
FUNCTION DIAGRAM
PIN DESCRIPTIONS
Ordering Information
Part No.
Package Type
Marking Information
Remark
EC4213NNM1R
SOP-10L
EC4213
LLLLL
YYWWT
1.
LLLLL:Lot No
2.
YYWW:Date Code
3.
T:Internal Tracking Code
PIN
Symbol
Description
1
VIN
Input supply voltage.
2
GND
All external components are connected to ground pin with shortest loops feasible.
3
VFF
Input voltage sensing through a voltage divider for constant output power regulation.
4
DIM
Connect a logic level PWM signal for adjustable brightness of LED strings.
5
VS
External voltage reference for thermal foldback circuit.
6
NTC
Connect a divider of a resistor and thermistor from VS to monitor the temperature of the LEDs or the N-
channel MOSFET.
7
LEDS
LED Short Protection.
8
REXT
An external resistor between REXT and GND pin sets different current regulation for LED strings.
9
VCS
A resistor is connected between VCS and REXT pin for over current protection.
10
VO
Connect to gate of N-channel MOSFET.
Fig. 2 Detailed Block Diagram



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com