Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC4213 Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # EC4213
Description  Constant Current N-Channel MOSFET Linear LED Controller
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC4213 Datasheet(HTML) 4 Page - E-CMOS Corporation

  EC4213 Datasheet HTML 1Page - E-CMOS Corporation EC4213 Datasheet HTML 2Page - E-CMOS Corporation EC4213 Datasheet HTML 3Page - E-CMOS Corporation EC4213 Datasheet HTML 4Page - E-CMOS Corporation EC4213 Datasheet HTML 5Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
4H22N Rev. F002
EC4213
Constant Current N-Channel MOSFET
Linear LED Controller
4/5
Q1
BR1
REXT
VLED
+
-
R1
R2
ILED
1
2
3
4
10
9
8
7
5
6
VIN
REXT
VCS
GND
VFF
DIM
NTC
LEDS
VS
VO
R5
RNTC
R3
RCS
R4
AC
F1
RV1
LED Lighting EC4213 Application Circuit Schematic
220VAC 50W LED Lighting Demo Board Part List
COMPONENT
VALUE
PACKAGE
U1
EC4213
SOP10
F1
1A
DIP
BR1
B10S
SMD
Q1
4A
TO220
RV1
431KD14 (275VAC)
DIP
R1
5.11MEG
0603
R2
14.7k
0603
R3
7.5k
0603
R4
5.11MEG
0603
R5
18k
0603
RCS
0.15
0805
REXT
1.3
DIP
RNTC
100k
DIP
VLED
240V
NA
Fig. 3 Typical Application Circuit
U1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com