Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC3111VVC4R Datasheet(PDF) 6 Page - E-CMOS Corporation

Part # EC3111VVC4R
Description  300mA High-PSRR Low Dropout Voltage Linear Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3111VVC4R Datasheet(HTML) 6 Page - E-CMOS Corporation

Back Button EC3111VVC4R Datasheet HTML 2Page - E-CMOS Corporation EC3111VVC4R Datasheet HTML 3Page - E-CMOS Corporation EC3111VVC4R Datasheet HTML 4Page - E-CMOS Corporation EC3111VVC4R Datasheet HTML 5Page - E-CMOS Corporation EC3111VVC4R Datasheet HTML 6Page - E-CMOS Corporation EC3111VVC4R Datasheet HTML 7Page - E-CMOS Corporation EC3111VVC4R Datasheet HTML 8Page - E-CMOS Corporation EC3111VVC4R Datasheet HTML 9Page - E-CMOS Corporation EC3111VVC4R Datasheet HTML 10Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 6 of 15
5L14N-Rev.F009
EC3111
300mA High-PSRR Low Dropout Voltage
Linear Regulators
Electrical Characteristics (Unless otherwise specified V
IN=VOUT+1V, TA=25°C)
Symbol
Parameters
Condition
Min
Typ
Max
Units
VOUT
Output Voltage
1mA≦IOUT≦30mA
VOUTX
0.98
VOUTX
1.020
V
Reg_load
Load Regulation
IOUT=1mA to 150mA
0.005
0.015
%/mA
Reg_line
Line Regulation
VOUT>1.7V,VIN=(VOUT+0.5V) to 6V
VOUT≦1.7V,VIN=2.2V to 6V
IOUT=1mA
0.01
0.2
%/V
VDROP
Dropout
Voltage(Note 6)
VOUT<1.5V
1.00
V
VOUT=1.5V
0.48
0.70
V
VOUT=1.6V,IOUT=150mA
0.46
0.65
V
VOUT=1.7V
0.44
0.60
V
1.8V≦VOUT≦2.0V
0.42
0.55
V
2.1V≦VOUT≦2.7V
0.28
0.50
V
2.8V≦VOUT≦4.8V
0.22
0.35
V
PSRR
Ripple Rejection
f=10kHz, Ripple 0.5VP-P,
VOUT>1.7V,VIN-VOUT=1.0V
VOUT≦1.7V,VIN-VOUT=1.2V
IOUT=10mA
65
dB
f=1kHz, Ripple 0.5VP-P,
VOUT>1.7V,VIN-VOUT=1.0V
VOUT≦1.7V,VIN-VOUT=1.2V
IOUT=10mA
70
dB
ISS
Supply Current
IOUT=0mA
25
uA
IStandby
Supply Current
(Standby)
VEN=GND
0.01
0.1
uA
VIN
Input Voltage
2.0
6.0
V
△VOUT/△T
Output Voltage
Temperature
Coefficient
IOUT=1mA,-40℃≦TJ≦85℃
±100
ppm/℃
ILIM
Current Limit
400
mA
RPD
EN Pull-Down
Resistance
0.7
2.0
8.0
MΩ
VENH
EN Input Voltage
“H”
1.2
VIN
V
VENL
EN Input Voltage
“L”
0.4
V
eN
Output Noise
BW=10Hz to 100kHz,Co=1uF
100
uVrms
RLOW
On Resistance
for Auto-
Discharge
VEN=0V
60
Ω
Note 6: Dropout voltage is tested by reducing input voltage until the output drops 2% below its nominal value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com