Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC3111VVC4R Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC3111VVC4R
Description  300mA High-PSRR Low Dropout Voltage Linear Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3111VVC4R Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC3111VVC4R Datasheet HTML 1Page - E-CMOS Corporation EC3111VVC4R Datasheet HTML 2Page - E-CMOS Corporation EC3111VVC4R Datasheet HTML 3Page - E-CMOS Corporation EC3111VVC4R Datasheet HTML 4Page - E-CMOS Corporation EC3111VVC4R Datasheet HTML 5Page - E-CMOS Corporation EC3111VVC4R Datasheet HTML 6Page - E-CMOS Corporation EC3111VVC4R Datasheet HTML 7Page - E-CMOS Corporation EC3111VVC4R Datasheet HTML 8Page - E-CMOS Corporation EC3111VVC4R Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 15
5L14N-Rev.F009
EC3111
300mA High-PSRR Low Dropout Voltage
Linear Regulators
General Description
The EC3111 is a 300mA, low dropout and low
noise linear regulator with high ripple rejection
ratio and fast turn-on time. It has fixed output
voltage ranging from 1.1V to 4.8V.
The EC3111 includes a voltage reference unit,an
error amplifier, resistor net for voltage setting,a
current limit circuit and a chip enable circuit. These
ICs perform with low dropout voltage and a chip
enable function(SOT23-5L/TSOT23-5L/SC70-4L/
SC70-5L/DFN 6L package only).
The EC3111 works well with low ESR ceramic
capacitors, suitable for portable RF and wireless
battery-powered applications with stringent space
requirements and demanding performance. It also
offers ultra low noise output and has low quiescent
current.
Function Block Diagram
Features
VIN Range: 2.0V to 6.0V
Low Dropout Voltage: 0.22V (Typ)
(VOUT= 3.3V, IOUT= 150mA)
High Ripple Rejection: 65dB (Typ)(f=10kHz)
Excellent Line Regulation: 0.01% / V(Typ)
Output Voltage Accuracy: ±2.0%
Low Supply Current: 25µA (Typ)
Standby Current: 0.01µA (Typ)
Over Current Protection
Fixed Output Voltage: 1.1V ~ 4.8V
Ultra Fast Transient Response
Applications
Portable Communication Equipment
Battery-Powered Equipment


Similar Part No. - EC3111VVC4R

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
OSCILLATOR
logo
DFI Inc
EC310 DFI-EC310 Datasheet
1Mb / 4P
Modular-Designed Embedded System
EC310-CR4866 DFI-EC310-CR4866 Datasheet
1Mb / 4P
Modular-Designed Embedded System
EC310-CR6881 DFI-EC310-CR6881 Datasheet
1Mb / 4P
Modular-Designed Embedded System
EC310-CR6G60 DFI-EC310-CR6G60 Datasheet
1Mb / 4P
Modular-Designed Embedded System
More results

Similar Description - EC3111VVC4R

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G9131 GMT-G9131 Datasheet
264Kb / 10P
300mA Low-Dropout Linear Regulators
logo
Leshan Radio Company
LR6156 LRC-LR6156 Datasheet
385Kb / 7P
Dual 300mA High PSRR LDO Two low dropout voltage regulators
logo
Global Mixed-mode Techn...
G913 GMT-G913 Datasheet
85Kb / 1P
300mA Low-Dropout Linear Regulators
G9131 GMT-G9131_15 Datasheet
50Kb / 1P
300mA Low-Dropout Linear Regulators
G9091 GMT-G9091 Datasheet
48Kb / 2P
300mA Low-Dropout Linear Regulators
G9090 GMT-G9090 Datasheet
47Kb / 2P
300mA Low-Dropout Linear Regulators
G9002 GMT-G9002 Datasheet
58Kb / 2P
300mA Low-Dropout Linear Regulators
G9191 GMT-G9191 Datasheet
32Kb / 1P
300mA Low-Dropout Linear Regulators
G9291 GMT-G9291 Datasheet
32Kb / 1P
300mA Low-Dropout Linear Regulators
logo
E-CMOS Corporation
EC3121 E-CMOS-EC3121 Datasheet
303Kb / 7P
300mA 2CH Low Dropout Voltage Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com