Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF87852 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCF87852
Description  Bluetooth baseband controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF87852 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCF87852 Datasheet HTML 4Page - NXP Semiconductors PCF87852 Datasheet HTML 5Page - NXP Semiconductors PCF87852 Datasheet HTML 6Page - NXP Semiconductors PCF87852 Datasheet HTML 7Page - NXP Semiconductors PCF87852 Datasheet HTML 8Page - NXP Semiconductors PCF87852 Datasheet HTML 9Page - NXP Semiconductors PCF87852 Datasheet HTML 10Page - NXP Semiconductors PCF87852 Datasheet HTML 11Page - NXP Semiconductors PCF87852 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx
xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
Fig 2.
Application example of hosted Bluetooth system with PCF87852 and BGB102 (or BGB101) RF module.
VDDA
TDI_JTAG
TMS_JTAG
TCK_JTAG
TDO_JTAG
VREG18
POR_DISABLE
VSS
VDDIO18
VDDIOV
SDA_IIC
SCL_IIC
1.8 V
VSSA
1.8 V
VSSO
XTAL1_SYS
CLK_SYS
CLK_LOW_POWER
XTAL1_LPO
XTAL2_LPO
XTAL2_SYS
100 nF
100 pF
n.c.
MCE654
n.c.
n.c.
1.8 V
1.8 V
VDDCO3
1.8 V
VSSCO3
VDDCO2
1.8 V
2.7 V
VSSCO2
1.8 V
1.8 to 3.3 V
VDDIORF
2.7 V
VS1
2.7 V
VS2
2.7 V
VS3
VSSIORF
T_GFSK
R_DATA
RSSI
REF_CLK
SIF_DATA
SIF_EN
SIF_CLK
SLCCTR
T_GFSK
R_DATA
RSSI
RESET_N
RXD_UART
FSC_IP
DCLK_IP
DA_IP
DB_IP
VDDO
SYS_CLK_REQ
TXD_UART
CTS_UART
RTS_UART
NRESET
TXD_UART
FSC_PCM
DCLK_PCM
DI_PCM
DO_PCM
SYS_CLK_REQ
RXD_UART
RTS_UART
CTS_UART
REFCLK
S_DATA
S_EN
ANT
GND
PA_OUT
PA_IN
S_CLK
DCXCTR
BGB102
RADIO MODULE
PCF87852
BASEBAND
CONTROLLER
HOST
CONTROLLER
VANLO
VANLI
VBAT
VBGP
to/from
JTAG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com