Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF87852 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCF87852
Description  Bluetooth baseband controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF87852 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCF87852 Datasheet HTML 1Page - NXP Semiconductors PCF87852 Datasheet HTML 2Page - NXP Semiconductors PCF87852 Datasheet HTML 3Page - NXP Semiconductors PCF87852 Datasheet HTML 4Page - NXP Semiconductors PCF87852 Datasheet HTML 5Page - NXP Semiconductors PCF87852 Datasheet HTML 6Page - NXP Semiconductors PCF87852 Datasheet HTML 7Page - NXP Semiconductors PCF87852 Datasheet HTML 8Page - NXP Semiconductors PCF87852 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
PCF87852
Bluetooth baseband controller
Preliminary data
Rev. 01 — 23 April 2004
3 of 12
9397 750 12161
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
4.
Quick reference data
[1]
Applies to all 0 V ground reference pins: VSSIORF, VSSCO1, VSSCO2, VSSIO18, VSSIOV, VSSA and VSSO.
[2]
It must be insured that the supply rise on each of the supply pins from 0 V to 1.1 V is shorter than 5 ms.
Table 1:
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VSS
ground voltage
[1] -0
-
V
VDDCO1
first core supply voltage
[2] 1.65
1.8
1.95
V
VDDCO2
second core supply voltage
[2] 1.65
1.8
1.95
V
VDDIORF
RF interface supply voltage
[2][3][4] 1.65
3.0
3.6
V
VDDIO18
1.8 V I/O supply voltage
[2] 1.65
1.8
1.95
V
VDDIOV
variable I/O supply voltage
[2] 1.65
3.0
3.6
V
VDDA
analog supply voltage
[2] 1.65
1.8
1.95
V
VDDO
oscillator supply voltage
[2][5] 1.65
1.8
1.95
V
Power consumption[6]
IDD(on)
operating supply current for an
active ACL link and continuous
DM1 and DH1 mode
IDD =IDDC +IDDA;
ARM active;
VDDC =VDDA = 1.8 V
-13
-
mA
IDDIORF(tx) RF interface supply current in
transmit mode
VDDIORF = 3.0 V
-
125
-
µA
IDD(lp)
low-power supply current in low
power mode
IDD =IDDC +IDDA; ARM
off; DCXO off; LPO on
(32.768 kHz)
-40
-
µA
IDD(off)
off mode supply current for
lowest possible current
IDD =IDDC +IDDA; ARM
off; clocks off
[7] -30
-
µA
Digital I/O pins
I/O pins at VDDIORF
VIH
HIGH-level input voltage
2.0
-
VDDIORF
V
VIL
LOW-level input voltage
0
-
0.8
V
VOH
HIGH-level output voltage
IOH = 4 mA
VDDIORF − 0.4 -
-
V
VOL
LOW-level output voltage
IOL = 4 mA
-
-
0.4
V
I/O pins at VDDIO18
VIH
HIGH-level input voltage
0.7VDDIO18
-VDDIO18
V
VIL
LOW-level input voltage
0
-
0.3VDDIO18 V
Vhys
hysteresis voltage
-
0.3VDDIO18 -V
VOH
HIGH-level output voltage
IOH = 4 mA
VDDIO18 − 0.4 -
-
V
VOL
LOW-level output voltage
IOL = 4 mA
-
-
0.4
V
I/O pins at VDDIOV
VIH
HIGH-level input voltage
0.7VDDIOV
-VDDIOV
V
VIL
LOW-level input voltage
0
-
0.3VDDIOV V
Vhys
hysteresis voltage
-
0.3VDDIOV -V
VOH
HIGH-level output voltage
IOH = 3 mA
VDDIOV − 0.4
-
-
V
VOL
LOW-level output voltage
IOL = 3 mA
-
-
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com