Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C2302-WI Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6C2302-WI
Description  Phase-Locked Loop Clock Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2302-WI Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6C2302-WI Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C2302-WI Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2302-WI Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2302-WI Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PI6C2302
Phase-Locked Loop Clock Driver
2
PS8418B
05/21/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
e
m
a
N
n
i
Pr
e
b
m
u
N
n
i
Pe
p
y
Tn
o
it
p
i
r
c
s
e
D
N
I
_
K
L
C1
I
t
u
p
n
i
k
c
o
l
c
m
u
rt
c
e
p
s
d
a
e
r
p
s
s
w
o
ll
a
N
I
_
K
L
C
.t
u
p
n
i
k
c
o
l
C
e
c
n
e
r
e
f
e
R
V
A C
C
2r
e
w
o
P.r
e
w
o
p
g
o
l
a
n
A
D
N
G
A3
d
n
u
o
r
G.
d
n
u
o
r
g
g
o
l
a
n
A
T
U
O
_
K
L
C4
O
d
n
a
N
I
_
K
L
C
f
o
s
ei
p
o
c
w
e
k
s
-
w
o
l
s
e
d
i
v
o
r
p
t
u
p
t
u
o
e
h
T
.t
u
p
t
u
o
k
c
o
l
C
.r
o
t
si
s
e
r
g
n
i
p
m
a
d
-
s
ei
r
e
s
d
e
d
d
e
b
m
e
n
a
s
a
h
S5
I
o
t
d
e
p
p
a
rt
s
si
S
n
e
h
W
.s
e
s
o
p
r
u
p
t
s
e
t
r
o
f
L
L
P
e
h
t
s
s
a
p
y
b
o
t
d
e
s
u
si
S
.
S
t
u
p
n
I
l
o
rt
n
o
C
.s
t
u
p
t
u
o
e
ci
v
e
d
e
h
t
o
t
y
lt
c
e
ri
d
d
e
r
e
ff
u
b
si
N
I
_
K
L
C
d
n
a
d
e
s
s
a
p
y
b
si
L
L
P
,
d
n
u
o
r
g
D
N
G6
d
n
u
o
r
G.
d
n
u
o
r
G
V C
C
7r
e
w
o
P.y
l
p
p
u
s
r
e
w
o
P
N
I
_
B
F8
I
.
L
L
P
l
a
n
r
e
t
n
i
e
h
t
o
t
l
a
n
g
i
s
k
c
a
b
d
e
e
f
e
h
t
s
e
d
i
v
o
r
p
N
I
_
B
F
.t
u
p
n
i
k
c
a
b
d
e
e
F
PinFunctions
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P.
n
i
M.
x
a
Ms
ti
n
U
VI
e
g
n
a
r
e
g
a
tl
o
v
t
u
p
n
I5
.
0
–V C
C
5
.
0
+
V
VO
e
g
n
a
r
e
g
a
tl
o
v
t
u
p
t
u
O5
.
0
–V C
C
5
.
0
+
C
D
_
I
Ve
g
a
tl
o
v
t
u
p
n
i
C
D5
.
0
–0
.
5
+
C
D
_
O
It
n
e
rr
u
c
t
u
p
t
u
o
C
D
0
0
1A
m
r
e
w
o
PT
t
a
n
o
it
a
p
i
s
si
d
r
e
w
o
p
m
u
m
i
x
a
M
A
5
5
=
o
ri
a
ll
it
s
n
i
C0
.
1W
T G
T
S
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S5
6
–0
5
1
oC
Absolute Maximum Ratings (Over operating free-air temperature range, see Note 1)
Note:
1. Stress beyond those listed under “absolute maximum ratings” may cause permanent damage to the device.
RecommendedOperatingConditions
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pe
r
u
t
a
r
e
p
m
e
T.
n
i
M.
x
a
Ms
ti
n
U
V C
C
e
g
a
tl
o
v
y
l
p
p
u
Sl
ai
c
r
e
m
m
o
C0
.
36
.
3
V
e
g
a
tl
o
v
y
l
p
p
u
Sl
ai
rt
s
u
d
n
I5
3
1
.
35
6
4
.
3
V H
I
e
g
a
tl
o
v
t
u
p
n
i
l
e
v
el
h
g
i
H0
.
2
V L
I
e
g
a
tl
o
v
t
u
p
n
i
l
e
v
el
w
o
L
8
.
0
VI
e
g
a
tl
o
v
t
u
p
n
I0
V C
C
TA
e
r
u
t
a
r
e
p
m
e
t
ri
a
-
e
e
rf
g
n
it
a
r
e
p
Ol
ai
c
r
e
m
m
o
C0
0
7
C
º
e
r
u
t
a
r
e
p
m
e
t
ri
a
-
e
e
rf
g
n
it
a
r
e
p
Ol
ai
rt
s
u
d
n
I0
4
–5
8



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com