Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C2302-WI Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6C2302-WI
Description  Phase-Locked Loop Clock Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2302-WI Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6C2302-WI Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C2302-WI Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2302-WI Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2302-WI Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PI6C2302
Phase-Locked Loop Clock Driver
3
PS8418B
05/21/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
ElectricalCharacteristics
(Over recommended operating free-air temperature range)
ACSpecificationsTimingRequirements
(Over recommended ranges of supply voltage and operating free-air temperature, CL = 25pF)
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pn
o
it
i
d
n
o
C
t
s
e
T.
n
i
M.
p
y
T.
x
a
Ms
ti
n
U
F
K
C
O
L
C
y
c
n
e
u
q
e
rf
k
c
o
l
Cl
ai
c
r
e
m
m
o
C5
24
3
1
z
H
M
y
c
n
e
u
q
e
rf
k
c
o
l
Cl
ai
rt
s
u
d
n
I5
20
0
1
D I
Y
C
el
c
y
c
y
t
u
d
k
c
o
l
c
t
u
p
n
I0
40
6%
p
u
r
e
w
o
p
r
e
tf
a
e
m
it
n
o
it
a
zi
li
b
a
t
S
1s
m
tp
r
e
tt
ij
t
u
o
h
ti
w
r
o
rr
e
e
s
a
h
P
)
3
(
N
I
_
K
L
C
↑
z
H
M
6
6
d
n
a
z
H
M
0
0
1
t
a0
5
1
–0
5
1
+
s
p
jtel
c
y
c
-
o
t
-
el
c
y
c
,r
e
tt
i
Jz
H
M
6
6
d
n
a
z
H
M
0
0
1
t
A0
0
1
–0
0
1
+
el
c
y
c
y
t
u
D5
45
5%
tr
V
0
.
2
o
t
V
4
.
0
,
e
m
it
-
e
si
R
0
.
1
s
n
tf
V
4
.
0
o
t
V
0
.
2
,
e
m
it
-l
l
a
F
1
.
1
Note:
3. This switching parameter is guaranteed by design.
l
o
b
m
y
Sn
o
it
i
d
n
o
C
t
s
e
Te
r
u
t
a
r
e
p
m
e
TV C
C
.
n
i
M.
p
y
T.
x
a
Ms
ti
n
U
I C
C
VI V
=
C
C
I
;
D
N
G
r
o
O
0
=
)
2
(
l
ai
c
r
e
m
m
o
CV
6
.
30
1
A
µ
VI V
=
C
C
I
;
D
N
G
r
o
O
0
=
)
2
(
l
ai
rt
s
u
d
n
IV
5
6
4
.
30
1
CI
VI V
=
C
C
D
N
G
r
o
V
3
.
3
4
F
p
CO
VO V
=
C
C
D
N
G
r
o6
I H
O
V T
U
O
V
4
.
2
=
8
1
–
A
m
V T
U
O
V
0
.
2
=
0
3
–
I L
O
V T
U
O
V
8
.
0
=5
2
V T
U
O
V
5
5
.
0
=7
1
Note:
2. Continuous Output Current



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com