Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC375 Datasheet(PDF) 1 Page - Picker Components

Part # PC375
Description  Low Profile PCB Power Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC375 Datasheet(HTML) 1 Page - Picker Components

  PC375_17 Datasheet HTML 1Page - Picker Components PC375_17 Datasheet HTML 2Page - Picker Components PC375_17 Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272 (888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC375 Rev k 10/20/2017
1 of 3
Low Profile PCB Power Relay
PC375
FEATURES
 Up to16 Amp Continuous Contact Capacity
 Four Versions
 5 KV Dielectric Strength Between Coil and Contacts
 Meets UL 873 Spacing
 Class F Material Available
 85°C Operating Temperature
 RoHS Compliant
ORDERING INFORMATION
Example:
PC375
-1C
-12
S
2
- X
Model:
PC375
Contact Form:
1A , 1C, 2A, or 2C
Coil Voltage ( VDC ): 5, 6, 9, 12, 24, 48, 110
Enclosure:
S: Sealed; C: Dust Cover
Version:
1: 1 Pole, 1A or 1C,12 A, 3.5 mm; 2: 1 Pole, 1A or 1C,12 A, 5 mm;
3: 1 Pole, 1A2 or 1C2,16 A, 5 mm; 4; 2 Pole , 2A or 2C, 8 A, 5 mm
Coil Sensitivity::
Nil: 410 mW
RoHS Compliant:
-X
Contact Material:
Nil: AgSnO2
Insulation Material:
Nil: Class B; F: Class F
Box Quantity: 1000; Inner Box: 500
E86876
Version
1
2
3
4
Form
1A SPST
1C SPDT
1A SPST
1C SPDT
1A2 SPST
1C2 SPDT
2A DPST
2C DPDT
Number of Pins
4
5
4
5
6
8
6
8
Contact Pin Spacing
3.5 mm
3.5 mm
5.0 mm
5.0 mm
5.0 mm
5.0 mm
5.0 mm
5.0 mm
Wire Diag
(Bottom View)
General Purpose ( Make )
100K Cycles
( Break )
12 A 250 VAC
12 A 30 VDC
12 A 250 VAC
12 A 30 VDC
16 A 250 VAC
8 A 250 VAC
8 A 30 VDC
Resistive
( Make )
6,000 Cycles
( Break )
16 A 277VAC
16 A 277 VAC
16 A 277VAC
16 A 277 VAC
16 A 277VAC
16 A277 VAC
16 A 277VAC
8 A 277 VAC
Coil Power
410 mW
410 mW
410 mW
410 mW
Max Switching Current
20 A
Max Switching Power
480 W
5,600 VA
2 x 150 W
2 x 1,800 VA
Max Switching Voltage
440 VAC 125 VDC
1A
1C
1A2
1C2
2C
2A
1C
1A


Similar Part No. - PC375_17

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC375-1A-12S1H-X PICKER-PC375-1A-12S1H-X Datasheet
211Kb / 2P
Low Profile Minature PCB Power Relay
PC375-1A-12S1NIL-X PICKER-PC375-1A-12S1NIL-X Datasheet
211Kb / 2P
Low Profile Minature PCB Power Relay
PC375-1A-12S2H-X PICKER-PC375-1A-12S2H-X Datasheet
211Kb / 2P
Low Profile Minature PCB Power Relay
PC375-1A-12S2NIL-X PICKER-PC375-1A-12S2NIL-X Datasheet
211Kb / 2P
Low Profile Minature PCB Power Relay
PC375-1A-12S3H-X PICKER-PC375-1A-12S3H-X Datasheet
211Kb / 2P
Low Profile Minature PCB Power Relay
More results

Similar Description - PC375_17

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HG4509 ETC-HG4509 Datasheet
443Kb / 2P
LOW PROFILE MINIATURE PCB POWER RELAY
logo
Picker Components
PC375 PICKER-PC375 Datasheet
173Kb / 2P
Low Profile Minature PCB Power Relay
PC378 PICKER-PC378 Datasheet
170Kb / 2P
Low Profile Minature PCB Power Relay
logo
DB Lectro Inc
HG4518 DBLECTRO-HG4518 Datasheet
60Kb / 2P
Low Profile Miniature PCB Power Relay
logo
Picker Components
PC375 PICKER-PC375_14 Datasheet
159Kb / 2P
Low Profile Minature PCB Power Relay
PC375L PICKER-PC375L_14 Datasheet
82Kb / 2P
Low Profile Latching PCB Power Relay
PC378 PICKER-PC378_14 Datasheet
171Kb / 2P
Low Profile Minature PCB Power Relay
PC375 PICKER-PC375_15 Datasheet
211Kb / 2P
Low Profile Minature PCB Power Relay
PC375L PICKER-PC375L_17 Datasheet
501Kb / 2P
Low Profile Latching PCB Power Relay
PC378 PICKER-PC378_17 Datasheet
396Kb / 2P
Low Profile Miniature PCB Power Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com