Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC375 Datasheet(PDF) 2 Page - Picker Components

Part # PC375
Description  Low Profile PCB Power Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC375 Datasheet(HTML) 2 Page - Picker Components

  PC375_17 Datasheet HTML 1Page - Picker Components PC375_17 Datasheet HTML 2Page - Picker Components PC375_17 Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272 (888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC375 Rev k 10/20/2017
2 of 3
PC375
PC375
COIL
DATA
Coil Voltage
Must Operate
Voltage Max
(VDC)
Must Release
Voltage Min.
(VDC)
Coil Power
(mW)
Resistance
(Ohms ± 10%)
Rated
Max
5
6.5
61
3.5
0.5
410
6
7.8
88
4.2
0.6
9
11.7
198
6.3
0.9
12
15.6
351
8.4
1.2
24
31.2
1405
16.8
2.4
48
62.4
5620
33.6
4.8
60
78
8780±15%
42
6.0
110
143
29512±15%
77
11.0
NOTES:
The use of any coil voltage less that the rated voltage will compromise the operation of the relays. Must Operate Voltage is listed for test purposes only and is
not to be used as design criteria. Pickup and release voltages are for test purposes only and are not to be used as design criteria.
CHARACTERISTIC
Operate Time
15 ms. Max.
Release Time
8 ms Max
Insulation Resistance
1,000 MΩ min, at 500 VDC, 50% RH
Dielectric Strength
5000 V 50 HZ between coil and contacts
1000 V 50 HZ between open contacts
Power Consumption
410 mW
Shock Resistance
10 g, 11 ms, functional;
100 g, destructive
Vibration Resistance
10 Hz- 55 Hz DA 2.0 mm
Terminal Strength
10N
Solderability
235 ºC for 3 secs
Class B - 40°C to 85°C
Operating Temperature
Range
Class F - 40°C to 105°C
Relative Humidity
85% (at 40°C)
Weight
12 grams MAX
CONTACT DATA
Material
AgSnO2,
Initial Contact Resistance
50 mΩ max @ 1 A, 6 VDC
Service Life
Mechanical
1 X 107 Operations
Electrical
1 X 105 Operations
DIMENSIONS
12.7 0.2
0.500 0.008
29 0.2
1.142 0.008



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com