Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC375H Datasheet(PDF) 1 Page - Picker Components

Part # PC375H
Description  20 Amp Low Profile PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC375H Datasheet(HTML) 1 Page - Picker Components

  PC375H_17 Datasheet HTML 1Page - Picker Components PC375H_17 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272 (888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC375L Rev - 8/3/2017
1 of 2
20 Amp Low Profile PCB Power Relay
PC375H
FEATURES
 20 Amp Continuous Contact Capacity
 5 KV Dielectric Strength Between Coil and Contacts
 1 Form A and 1 Form C Contact Forms Available
 Low Profile Design, .64 in. ( 16.1mm ) Tall
 Meets UL 873 Spacing
 85°C Operating Temperature
 RoHS Compliant
CONTACT DATA
Max Switching Power
5,540 VA
Max. Switching Voltage
440 VAC
Max Switching Current
20 A
Material
AgSnO2 (Silver Tin Oxide)
Initial Contact Resistance
50 mΩ max @ 1 A, 6 VDC
Service Life
Mechanical
1 X 107 Operations
Electrical
1 X 105 Operations
CHARACTERISTICS ( CONTINUED )
Creepage Distance
8.4 mm
Vibration Resistance
10 - 55 Hz, DA 1.5 mm,
Terminal Strength
10N
Solderability
260 ºC ± 5°C 5 ± 0.5 secs
Ambient Temperature Range
- 40°C to 85°C
Relative Humidity
85% (at 40°C)
Weight
13 g
Samples Available: September 2017
Production Delivery: September 2017
PENDING
ORDERING INFORMATION
Example:
PC375H
-1C
-12
S
G
N
-X
Model: PC375H
Contact Form: 1A or 1C
Coil Voltage: 3, 5, 6, 9, 12, 24
Enclosure: S: Sealed; C: Dust Cover
Contact Plating: Nil: Standard, G: Gold
Contact Material: Nil: AgSnO2; N: AgNi; G: AgSnO2 + Au (Clad)
RoHS Compliant: -X
Box Quantity: 1,000; Inner Box: 500
Contact Rating
Contact Form
1 Form A ( SPST ) or 1 Form C ( SPDT )
Normally Open
Normally Closed
Max Switching Current
20A / 277VAC
16A / 277VAC
Minimum Load
Au Plated
100 mA at 6VDC
Non-Au plated
50 mA at 6VDC
CHARACTERISTICS
Operate Time
<15 ms
Release Time
<8 mS
Insulation Resistance
1,000 MΩ min at 500 VDC
Dielectric Strength
5,000 V, 50 Hz between contact and coil
1,000 V, 50 Hz between open contacts
Shock Resistance
Functional:
10 m/sec2
Destructive:
100 m/sec2


Similar Part No. - PC375H_17

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC375 PICKER-PC375 Datasheet
173Kb / 2P
Low Profile Minature PCB Power Relay
PC375-1A-12S1H-X PICKER-PC375-1A-12S1H-X Datasheet
211Kb / 2P
Low Profile Minature PCB Power Relay
PC375-1A-12S1NIL-X PICKER-PC375-1A-12S1NIL-X Datasheet
211Kb / 2P
Low Profile Minature PCB Power Relay
PC375-1A-12S2H-X PICKER-PC375-1A-12S2H-X Datasheet
211Kb / 2P
Low Profile Minature PCB Power Relay
PC375-1A-12S2NIL-X PICKER-PC375-1A-12S2NIL-X Datasheet
211Kb / 2P
Low Profile Minature PCB Power Relay
More results

Similar Description - PC375H_17

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC355 PICKER-PC355 Datasheet
171Kb / 2P
20 Amp Minature PCB Power Relay
PC520 PICKER-PC520 Datasheet
162Kb / 2P
20 Amp Subminature PCB Power Relay
PC379 PICKER-PC379 Datasheet
178Kb / 2P
20 Amp Minature PCB Power Relay
PC393 PICKER-PC393 Datasheet
169Kb / 2P
20 Amp Minature PCB Power Relay
PC420 PICKER-PC420 Datasheet
139Kb / 2P
20 Amp Subminature PCB Power Relay
PC521 PICKER-PC521 Datasheet
203Kb / 2P
20 Amp Subminiature PCB Power Relay
PC520 PICKER-PC520_15 Datasheet
855Kb / 2P
20 Amp Subminiature PCB Power Relay
PC393 PICKER-PC393_17 Datasheet
573Kb / 2P
20 Amp Miniature PCB Power Relay
PC520 PICKER-PC520_17 Datasheet
855Kb / 2P
20 Amp Subminiature PCB Power Relay
PC521 PICKER-PC521_17 Datasheet
507Kb / 2P
20 Amp Subminiature PCB Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com