Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC375H Datasheet(PDF) 2 Page - Picker Components

Part # PC375H
Description  20 Amp Low Profile PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC375H Datasheet(HTML) 2 Page - Picker Components

  PC375H_17 Datasheet HTML 1Page - Picker Components PC375H_17 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272 (888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC375L Rev - 8/3/2017
2 of 2
PC375H
PC375H
DIMENSIONS (mm/inches)
NOTES:
The use of any coil voltage less that the rated voltage will compromise the operation of the relays. Must Operate Voltage is listed for test purposes only and is
not to be used as design criteria. Pickup and release voltages are for test purposes only and are not to be used as design criteria.
29 +/- 0.2
12.7 +/- 0.2
1.3
7.6
Mounting
( Bottom view )
1A
1C
6 – O1.3
Wiring Diagram
( Bottom view )
1A
1C
COIL DATA
Coil Voltage
Coil Power
Resistance
± 10%
Must Operate
Voltage
MAX
Must Release
Voltage
MIN
Coil
Power
Rated
Max
.41W
( VDC )
( VDC )
mW
3
3.9
22
2.1
0.3
410
5
6.5
61
3.5
0.5
6
7.8
88
4.2
0.6
9
11.7
198
6.3
0.9
12
15.6
351
8.4
1.2
24
31.2
1405
16.6
2.4



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com