Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC792B Datasheet(PDF) 1 Page - Picker Components

Part # PC792B
Description  40/40 Amp Automotive Plug-In / PCB Mini ISO Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC792B Datasheet(HTML) 1 Page - Picker Components

  PC792B Datasheet HTML 1Page - Picker Components PC792B Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC792B Rev A 5/11/2017
1 of 2
CONTACT RATINGS 14 VDC at 25oC
CONTACT RATINGS 28 VDC at 25oC
FEATURES
 Copper Contact Leads for Enhanced Heat Dissipation
 Contact Switching Capacity up to 120 Amps
40 Amps Continuous Carrying Current
 125°C Operating Temperature
 Internal Diodes or Resistors Available
 Sockets Available
 Lead Free and RoHS Compliant
40/40 Amp Automotive Plug-In / PCB Mini ISO Relay
PC792B
Contact Form
1 Form A, 1 Form AA or 1 Form C
Normally Open
Normally Closed
Max Switching Current
Make 60 A(1)
Make 60 A(1)
Break 20 A
Break 20 A
Max Continuous Current
20 A @ 25
°C
20 A @ 25
°C
15 A @ 85
°C
15 A @ 85
°C
Max Continuous Current
1 Form U and 1 Form AA
2 X 15 Amps (at 85
°C)
Max Switching Voltage
75 VDC
Max Switching Power
630 W
Minimum Load
0.1A @ 24 VDC
CHARACTERISTICS
CONTACT DATA
ORDERING INFORMATION
Contact Form
1 Form A, 1 Form AA or 1 Form C
Normally Open
Normally Closed
Max Switching Current
Make 120 A(1)
Make 120 A(1)
Break 40 A
Break 40 A
Max Continuous Current
40 A @ 25
°C
40 A @ 25
°C
30 A @ 85
°C
30 A @ 85
°C
Max Continuous Current
1 Form U and 1 Form AA
2 X 20 Amps (at 85
°C)
Max Switching Voltage
75 VDC
Max. Switching Power
630 W
Minimum Load
0.1A @ 12 VDC
Operate Time
7 msec Typical
Release Time
2 msec Typical
Insulation Resistance
100 MΩ Min at 500VDC, 50% RH
Dielectric Strength
500 Hz 500 V Between Contacts
500 Hz 750 V Between Coil and Contact
Shock Resistance
147 m/s2 11ms
Vibration Resistance
10 Hz—40 Hz Double Amplitude 1.5 mm
Terminal Strength
8N 4N (PC type)
Power Consumption
1.6 W, 1.9 W, 2.3 W, 2.6 W
Solderability
235°C ± 2°C 3 s ± 0.5 s
Operating Temperature Range
- 40 to 125
°C
Storage Temperature Range
- 40 to 155
°C
Weight
31 grams
Material
AgSnO2
Initial Contact Resistance
100 MΩ Max @ 0.1 A 6 VDC
Service Life
Electrical
1 x 105 Operations
Mechanical
1 x 107 Operations
Example:
PC792B
-1C
-C
-12
S
N
-X
Model: PC792B
Contact Form: 1A, 1AA (1 Form with 2 #87 Terminals)
1C, 1U (2 X 1A, 87 & 87b Isolated)
Case Style: C: Plug-In; C1: Plastic Bracket; C2: Metal Bracket
C3: (S only) Weatherproof Case with Metal Brackets;
P: PC Pins
Coil Voltage: 6, 12, 24, 48
Enclosure: C: Dust Cover; S: Sealed
Coil Power: Nil: 1.6 W*; 1.9: 1.9 W; 2.3: 2.3 W; 2.6: 2.6 W
Parallel Component: Nil: None; D: Diode; R: Resistor
Terminal Plating: Nil: PC Pin Version; N: Nickel Plated Terminals Standard on all Plug In Models
RoHS Compliant: -X
*1.6 Industry Standard Coil
Box Quantity: 400; Inner Box: 100
Resistor Values (1/4 Watt):
6V -180 ohm
12V - 680 ohm
24V - 2,700 ohm
Diode: 1N4005
(1)
With current load applied for a maximum of 3 seconds at a maximum duty cycle of 10%
.
CHARACTERISTICS Continued


Similar Part No. - PC792B

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC792A PICKER-PC792A Datasheet
134Kb / 3P
Automotive Plug-In / PCB Power Relay
PC792A1AC-12C PICKER-PC792A1AC-12C Datasheet
134Kb / 3P
Automotive Plug-In / PCB Power Relay
PC792A1AC-12CD PICKER-PC792A1AC-12CD Datasheet
134Kb / 3P
Automotive Plug-In / PCB Power Relay
PC792A1AC-12CN PICKER-PC792A1AC-12CN Datasheet
134Kb / 3P
Automotive Plug-In / PCB Power Relay
PC792A1AC-12CR PICKER-PC792A1AC-12CR Datasheet
134Kb / 3P
Automotive Plug-In / PCB Power Relay
More results

Similar Description - PC792B

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ973 AZETTLER-AZ973 Datasheet
166Kb / 4P
40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ974 AZETTLER-AZ974 Datasheet
128Kb / 2P
40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9731 AZETTLER-AZ9731 Datasheet
205Kb / 4P
40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9741 AZETTLER-AZ9741 Datasheet
145Kb / 2P
40 AMP MINI-ISO AUTOMOTIVE RELAY
logo
Picker Components
PC792C PICKER-PC792C_15 Datasheet
303Kb / 2P
50/40 Amp Automotive Plug-In / PCB Power Relay
PC792H PICKER-PC792H_16 Datasheet
644Kb / 2P
60/40 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC792A PICKER-PC792A_17 Datasheet
821Kb / 3P
40/30 Amp Automotive Plug-In / PCB Mini ISO Relay
PC792C PICKER-PC792C_17 Datasheet
614Kb / 2P
50/40 Amp Automotive Plug-In / PCB Mini ISO Relay
PC792E PICKER-PC792E Datasheet
656Kb / 3P
50/40 Amp Automotive Plug-In / PCB Mini ISO Relay
PC792H PICKER-PC792H_17 Datasheet
1Mb / 2P
60/40 Amp Automotive Plug-In / PCB Maxi ISO Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com