Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC792B Datasheet(PDF) 2 Page - Picker Components

Part # PC792B
Description  40/40 Amp Automotive Plug-In / PCB Mini ISO Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC792B Datasheet(HTML) 2 Page - Picker Components

  PC792B Datasheet HTML 1Page - Picker Components PC792B Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC792B Rev A 5/11/2017
2 of 2
COIL DATA
Coil Voltage
(VDC)
Must Operate
Voltage Max
(VDC)
Must Release
Voltage Min.
(VDC)
Coil Resistance
Ohms ± 10%)
Rated
Max
1.6 W*
1.9 W
2.3 W
2.6 W
6
7.8
22.5
19.0
15.6
13.8
3.9
0.6
9
11.7
50.6
NA
NA
NA
5.9
0.9
12
15.6
90.0
75.8
62.6
55.4
7.8
1.8
24
31.2
360.0
303.2
250.4
221.5
15.6
2.4
48
62.4
1440.0
NA
NA
NA
31.2
4.8
Max Value for Switching
Capacity
PC792B
PC792B
NOTES:
The use of any coil voltage less that the rated voltage will compromise the operation of the relays.
Must Operate Voltage is listed for test purposes only and is not to be used as design criteria.
Pickup and release voltages are for test purposes only and are not to be used as design criteria.
Weatherproof Case “C3”
DIMENSIONS in Inches/mm
Metal Bracket “C2”
Plastic Bracket “C1”
PCB “P”
Plug In “C”
1A
1AA
Coil Temperature Rise @
40A Carrying Current
1C
1U
Coil Temperature Rise
20oC Ambient
*1.6 W Industry Standard Coil



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com