Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9221CS Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RT9221CS
Description  PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER WITH 1.5V / 2.5V DUAL LOW DROPOUT LINEAR REGULATOR CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9221CS Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RT9221CS Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9221CS Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9221CS Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9221CS Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9221CS Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9221CS Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9221CS Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9221CS Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
RT9221
DS9222-05 May 2001
www.richtek-ic.com.tw
3
Function Block Diagram
OSCILLATOR
OPEN
DRAIN
ERROR AMP
VCC
VCC
CSN CSP
BSTH
PGNDH
PGNDL
DH
DL
BSTL
1.25V REF
GND
DRIVER
LEVEL SHIFT
AND DRIVER
SHOOT-
THROUGH
CONTROL
S
Q
R
70mV
CURRENT LIMIT
PGOOD
VID4
VID3
VID2
VID1
VID0
VSEN
OVP
SHDN
200KHz
DAC
LINEAR
CONTROLLER
1.5V
LINEAR
CONTROLLER
2.5V
1.265V
REF
GND
LDOS1
GATE1
LDOS2
GATE2
LDOV
_
_
_



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com