Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9221CS Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # RT9221CS
Description  PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER WITH 1.5V / 2.5V DUAL LOW DROPOUT LINEAR REGULATOR CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9221CS Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  RT9221CS Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9221CS Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9221CS Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9221CS Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9221CS Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9221CS Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9221CS Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9221CS Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
RT9221
www.richtek-ic.com.tw
DS9222-05 May 2001
6
Typical Application Circuit
CSN
CSP
BSTH
DH
PGNDH
VID4
VSEN
PGOOD
LDOS1
LDOV
BSTL
DL
VCC
SHDN
VID3
VID2
VID1
VID0
OVP
GATE1
GATE2
LDOS2
GND
PGNDL
+
16
14
13
12
11
10
15
17
20
19
18
21
22
23
24
9
8
7
5
6
43
2
1
C1
0.1
µF
C2
1500
µFx2
C4
0.1
µF
C7
Q3
GND
12V
5V
RFD3055
1000
µF
R1
10K
R2
10
R3
10K
VCC_CORE
VLIN1
VLIN2
SHDN
OVP
VID0
VID1
VID2
VID3
VID4
RT9221
+
C3
C5
C6
0.1
µF
Q1
Q2
1500
µFx4
PHB95N03LT
PHB83N03LT
4µH
L1
R4
1.0K
R5
2.32K
0.1
µF
5m
Ω
+
R6
C9
C10
Q4
RFD3055
1000
µF
1000
µF
1000
µF
5V
PGOOD
0.1
µF
+
+
+
5
Ω
5
Ω
0.1
µF
C8
C11
C12
R8
R9
5V
C13
1
µF
C14
1µF
R13
10
R14
10



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com