Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3SPD075F Datasheet(PDF) 2 Page - StarHope

Part # 3SPD075F
Description  Gas Discharge Tube
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

3SPD075F Datasheet(HTML) 2 Page - StarHope

  3SPD075F Datasheet HTML 1Page - StarHope 3SPD075F Datasheet HTML 2Page - StarHope 3SPD075F Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPSEMI
www.spsemi.cn
Page 2 of 3
Dimensions
Dimensions in millimeters
Electrical Characteristics
DC
Spark-over
Voltage
(@100V/s
)
(V)
Part Number
Impulse
Spark-over
Voltage
(@1KV/μs)
(V)
Nom.Impulse
Discharge
Current
(@8/20μs)
(KA)
Nom.
Alternating
Discharge
Current
(@50HZ)
(A)
Capacitance
(pF)
Insulation
Resistance
(GΩ)
(@DC)
(V)
3SPD075F
3SPD090F
3SPD150F
3SPD230F
3SPD350F
3SPD470F
3SPD600F
75
30
±%
90
30
±%
150
20
±%
230
20
±%
350
20
±%
470
20
±%
600
20
±%
≦600
≦600
≦650
≦700
≦750
≦1000
≦1100
10
10
10
10
5
5
5
10
10
10
10
5
5
5
>1
>1
>1
>1
>1
>1
>1
50
50
100
100
100
100
100
<1
<1
<1
<1
<1
<1
<1
Initial Characteristics
Test Item
DC-Spark-Over Voltage
Vs
Insulation
Resistance
Capacitance C(pF)
Add and measure the DC Voltage gradually
Maxto get the discharge threshold voltage.
The measuring current is 1mA/1 second max.
1sec
.(1mA)
(
)
Measure the insulation resistance of two end of
leadwire under the specified DC voltage.
Electrostatic Capacitance under the test condition
of 1KHz,DC 6V(max).
Test Method
Specification
It depands on each spec.
100MΩ min.
0.8pF max.
Packaging Speci Cations
Packaging:1000 pieces per reel
REV 2017 08 22
..
.
GDT/3SPD Series
7.5 0 3
±.
05 01
.± .
1.5 0 1
±.
50 2
±.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com