Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3SPD075F Datasheet(PDF) 3 Page - StarHope

Part # 3SPD075F
Description  Gas Discharge Tube
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

3SPD075F Datasheet(HTML) 3 Page - StarHope

  3SPD075F Datasheet HTML 1Page - StarHope 3SPD075F Datasheet HTML 2Page - StarHope 3SPD075F Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SPSEMI
www.spsemi.cn
Page 3 of 3
Surge Characteristics
Test Item
Surge withstand capability
Surge life test
In the glass tube ends in 8/20 us surge tester, applying the model that
corresponds to the impact resistance current, time interval for the
60 s of plus or minus the test 5 times. Test the dc voltage,
insulation resistance, static capacitance and check the appearance.
Apply 10KV voltage charged in 1500pF condenser and
apply the current to the specimen,200 times at 10
seconds of intervals.
Test Method
Specification
DC spark-over voltage
JSE:
Vs/Vs
30%
Within standard mentioned in
Initial Characteristics.
Enviromental Characteristics
Test Item
Test Method
Specification
Cold resistance
After -40±3
℃
(1000hrs) / room temp.,normal humidity(4 hrs)
cycle, measure the properties.
Within standard mentioned in
Initial Characteristics.
Within standard mentioned in
Initial Characteristics.
Within standard mentioned in
Initial Characteristics.
Within standard mentioned in
Initial Characteristics.
After 125±2
℃
(1000hrs) / room temp.,normal humidity(4 hrs)
cycle, measure the properties.
After 85±2
℃
RH85%(1000hrs) / room temp.,normal humidity(4
hrs) cycle, measure the properties.
25 times repetition of cycle -40±3
℃
(30 Min.),roon temp., (4 Min.), 125±2
(30Min.),
℃
room temp., normal humidity(4hrs) .
Heat resistance
Temperature resistance
Temperature period
Tensile strength
Bending strength
Resistance to soldering
attachment
()
by solder dip
Resistance to soldering
heat
()
by solder dip
Apply 2.5kgs load approximately 30 seconds, then check
for pull-out and breaking of the lead wire.
Within standard mentioned in
Initial Characteristics.
Within standard mentioned in
Initial Characteristics.
Bend the lead wire, with jig which radius is 0.75~0.8mm, at the point
of 2mm from the body, under 0.25 kgs load applied at the right angle
the direction of theamis and get the bent lead wire back to its
original poing after the procedure was repeated 2times.
Apply flux and immerse in molten solder, up to the point of
3mm from the body,for 5 sec. (235
±5
). Wash
the leadwire and check for soldering adhesion.
Lead wire is evenly covered by
solder over 90%.
Apply flux and immerse in molten solder, up to the point of 3mm
from the body,for 5 sec. (235
±5
). Wash the leadwire
℃℃
and check forsoldering adhesion.)
Within standard mentioned in
Initial Characteristics.
REV 2017 08 22
..
.
GDT/3SPD Series



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com