Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBF251 Datasheet(PDF) 2 Page - Chip Integration Technology Corporation

Part # DBF251
Description  20A Trench Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

DBF251 Datasheet(HTML) 2 Page - Chip Integration Technology Corporation

  DBF251 Datasheet HTML 1Page - Chip Integration Technology Corporation DBF251 Datasheet HTML 2Page - Chip Integration Technology Corporation DBF251 Datasheet HTML 3Page - Chip Integration Technology Corporation DBF251 Datasheet HTML 4Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
■ Rating and characteristic curves
Document ID : DS-22B49
Revised Date : 2016/09/13
Revision : C
DBF251 THRU DBF2510
2.5A Bridge Rectifiers
Chip Integration Technology Corporation
3.6
0.01
0.1
1.0
10
0.2
0.6
1.0
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics (per leg)
F
T = 25 C
Pulse Width = 300 s
°
A
µ
0.4
0.8
1.2
1.6
0
40
80
120
1.0
10
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Maximum Peak Forward Surge Current (per leg)
1
10
100
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T = 25 C
f = 1.0MHz
°
J
0
0.8
1.6
2.4
0
40
80
120
160
Fig. 1 Output Current Derating Curve
1 0 0 0
1 0 0
1 0
1 .0
0 .1
T = 2 5 C
J
O
T = 1 2 5 C
J
O
FIG.5 TYPICAL REVERSE CHRACTERISTICS
PERCENT OF RATED PEAK INVERSE VOLTGE (
V)
2 0
4 0
6 0
8 0
1 0 0
1 2 0
°
T , CASE TEMPERATURE( C)
C
TA=25 C
Single Half Sine-Wave
Pulse Width= 8.3ms
(JEDEC Method)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com