Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBF251 Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # DBF251
Description  20A Trench Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

DBF251 Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  DBF251 Datasheet HTML 1Page - Chip Integration Technology Corporation DBF251 Datasheet HTML 2Page - Chip Integration Technology Corporation DBF251 Datasheet HTML 3Page - Chip Integration Technology Corporation DBF251 Datasheet HTML 4Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
■ Features
■ Mechanical data
■ Maximum ratings and electrical characteristics
O
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz,resistive or inductive load.
For capacitive load, derate current by 20%
Glass passivated die construction
•
Low leakage
•
High current capability
•
Ideal for printed circuit board
•
Design for surface mount application
•
Suffix “G” indicates Halogen free parts, ex DBF251G
•
Plastic Material-UL Flammability 94V-0
•
• Case : DBF,Molded plastic.
• Terminals :plated leads solderable per
MIL-STD-202, Method 208.
• Polarity : as marked on case.
• Mounting position: Any.
• Marking: type number.
DBF251 THRU DBF2510
2.5A Bridge Rectifiers
forward voltage
per element
@IF=2.5A
V
(V)
F M
Max. DC
blocking voltage
V
(V)
D C
Max.
RMS voltage
V
(V)
R M S
Max.
repetitive peak
reverse voltage
V
(V)
R R M
200
400
600
100
800
DBF251
Symbol
IF(AV)
I
F S M
I
R
Average rectified output current
Non-Repetitive Peak
Forward surge current
Peak Reverse current
at rated DC blocking voltage
Parameter
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
O
T
= 25 C
A
O
T
= 125 C
A
Conditions
Symbol
Value
UNIT
5
A
A
uA
Document ID : DS-22B49
Revised Date : 2016/09/13
Revision : C
2.5
O
T = 100 C (Note:1)
C
R
θ J A
Typical Thermal resistance
per leg
O C/W
T
J ,
Operating and Storage
temperature Range
-55 to +150
O C
■ Outline
R
θ J C
15
2
Note: 1.Mounted on glass epoxy PC board with 1.3mm solder pad.
T
S T G
Max.
Working peak
reverse voltage
V
(V)
RW M
140
280
420
560
700
Rating for fusing (t<8.3ms)
2
I t
59.76
2
A s
120
200
■ Circuit Diagram
■ Dimensions in inches and (millimeters)
DBF
.047 (1.2)
.031 (0.8)
-
+
.165 (4.2)
.149 (3.8)
.205 (5.2)
.189 (4.8)
.270 (6.85)
.254 (6.45)
70
Note: 2.Measured at 1.0 MHZ and applied reverse voltage of 4.0V DC.
Typical Junction Capacitance
per leg(Note 2)
pF
41
C
J
1000
70
200
400
600
100
800
1000
200
400
600
100
800
1000
1.0
DBF252
DBF254
DBF256
DBF258
DBF2510
Chip Integration Technology Corporation


Similar Part No. - DBF251

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
DBF251 ZSELEC-DBF251 Datasheet
162Kb / 2P
2.5A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
DBF2510 DIODES-DBF2510 Datasheet
556Kb / 5P
2.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev 3
logo
Zibo Seno Electronic En...
DBF2510 ZSELEC-DBF2510 Datasheet
162Kb / 2P
2.5A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
DBF2510-13 DIODES-DBF2510-13 Datasheet
556Kb / 5P
2.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev 3
logo
Dubilier
DBF2510G05H DUBILIER-DBF2510G05H Datasheet
158Kb / 1P
DC COOLING FAN 25x25x10mm
More results

Similar Description - DBF251

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CF20L100CT CITC-CF20L100CT Datasheet
477Kb / 3P
20A Trench Schottky Rectifier
C20L60CT CITC-C20L60CT Datasheet
483Kb / 3P
20A Trench Schottky Rectifier
CF20L45CT CITC-CF20L45CT Datasheet
468Kb / 3P
20A Trench Schottky Rectifier
CF20L120CT CITC-CF20L120CT Datasheet
481Kb / 3P
20A Trench Schottky Rectifier
CF20S100CT CITC-CF20S100CT Datasheet
507Kb / 3P
20A Trench Schottky Rectifier
CTP20L60SG CITC-CTP20L60SG Datasheet
521Kb / 4P
20A Trench Schottky Rectifier
CU20L60CT CITC-CU20L60CT Datasheet
488Kb / 3P
20A Trench Schottky Rectifier
logo
Diodes Incorporated
SDT20120CT DIODES-SDT20120CT Datasheet
756Kb / 7P
20A TRENCH SCHOTTKY RECTIFIER
March 2022
SDT20B100CT DIODES-SDT20B100CT Datasheet
732Kb / 7P
20A TRENCH SCHOTTKY RECTIFIER
March 2022
SDT20A120CT DIODES-SDT20A120CT Datasheet
703Kb / 6P
20A TRENCH SCHOTTKY RECTIFIER
March 2022 Rev. 5 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com