Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1R Datasheet(PDF) 2 Page - Chip Integration Technology Corporation

Part # GS1R
Description  1A Surface Mount General Purpose Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

GS1R Datasheet(HTML) 2 Page - Chip Integration Technology Corporation

  GS1R Datasheet HTML 1Page - Chip Integration Technology Corporation GS1R Datasheet HTML 2Page - Chip Integration Technology Corporation GS1R Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
■ Rating and characteristic curves
s
o
Ta ( C)
o
TJ=25 C
o
TJ=25 C
o
TJ=100 C
o
TJ=125 C
0.4
0.8
1.2
1.6
2.0
GS1R
1A Surface Mount General Purpose Rectifiers
Chip Integration Technology Corporation
Document ID : DS-22G22
Revised Date : 2016/12
Revision : C1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com