Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1R Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # GS1R
Description  1A Surface Mount General Purpose Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

GS1R Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  GS1R Datasheet HTML 1Page - Chip Integration Technology Corporation GS1R Datasheet HTML 2Page - Chip Integration Technology Corporation GS1R Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Dimensions in inches and (millimeters)
■ Features
■ Mechanical data
■ Limiting Value (Absolute Maximum Rating)
■ Outline
I = 1A
o
•
VRRM = 1600V
•
Low profile surface mounted application in order to
•
optimize board space.
High current capability.
•
High surge capability.
•
Glass passivated chip junction inside.
•
Suffix "G" indicates Halogen-free part, ex.GS1RG.
•
Lead-free parts meet environmental standards of
•
MIL-STD-19500 /228
SMA
• Epoxy:UL94-V0 rated flame retardant
• Case : Molded plastic, SMA
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
• Polarity : Indicated by cathode band
• Weight : 0.002 ounce, 0.055 gram
GS1R
1A Surface Mount General Purpose Rectifiers
V
R R M
T
S T G
Repetitive peak reverse voltage
Storage temperature
Parameter
Conditions
Symbol
Value
UNIT
V
Document ID : DS-22G22
Revised Date : 2016/12
Revision : C1
Marking code
0.098 (2.50)
0.067 (1.70)
0.067 (1.70)
0.047 (1.20)
0.114 (2.90)
0.083 (2.10)
0.187 (4.75)
0.157 (4.00)
0.012 (0.30)
TYP.
0.224 (5.70)
0.185 (4.70)
0.061 (1.55)
0.030 (0.75)
0.008 (0.20)
0.003 (0.08)
■ ِ Application
• Rectifier
O
■ Electrical characteristics (Ta= 25 C unless otherwise specified.)
1600
Average forward current
0
60Hz half-sine wave, resistance load, T =25 C
a
I
F ( AV )
1
A
Surge (non- repetitive) forward current
0
60Hz half-sine wave, 1 cycle, T =25 C
a
I
F S M
60
Operating Junction temperature
T
J
-55 ~ + 150
O C
-55 ~ + 150
V
F M
C
J
Peak forward voltage
Typical junction capacitance
Parameter
Conditions
Symbol
Max. Value
UNIT
V
1.1
Peak reverse current
I
R R M 1
2.5
μA
50
Thermal resistance (Typical)
R
θ J - A
50
O C/W
35
I =1A
F M
o
V
= V
, T =25 C
R M
R R M
a
I
R R M 2
o
V
= V
, T =125 C
R M
R R M
a
Between junction and ambient
Measured at 1MHz and applied reverse voltage
of 4.0 V.D.C.
pF
Chip Integration Technology Corporation
Document ID : DS-22G22
Revised Date : 2016/12
Revision : C1


Similar Part No. - GS1R

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GS1R-L MCC-GS1R-L Datasheet
249Kb / 4P
1.0 Amp Glass Passivated Rectifier 1300 Volts
More results

Similar Description - GS1R

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
S2A TAYCHIPST-S2A Datasheet
1Mb / 2P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Compact Technology Corp...
M1 CTC-M1 Datasheet
74Kb / 2P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
S2A CTC-S2A Datasheet
108Kb / 2P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Chip Integration Techno...
BGP4001W-F CITC-BGP4001W-F Datasheet
458Kb / 3P
1A Surface Mount General Purpose Rectifiers
BGP4001W-S CITC-BGP4001W-S Datasheet
91Kb / 3P
1A Surface Mount General Purpose Rectifiers
BGP4001W-ST CITC-BGP4001W-ST Datasheet
92Kb / 3P
1A Surface Mount General Purpose Rectifiers
GS1A CITC-GS1A Datasheet
459Kb / 3P
1A Surface Mount General Purpose Rectifiers
GS1AAS CITC-GS1AAS Datasheet
458Kb / 3P
1A Surface Mount General Purpose Rectifiers
logo
Nantong Hornby Electron...
S3XF HORNBY-S3XF Datasheet
228Kb / 3P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
S1XF HORNBY-S1XF_18 Datasheet
202Kb / 3P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com