Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF2045CT-T Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # MBRF2045CT-T
Description  20A Trench Schottky Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

MBRF2045CT-T Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  MBRF2045CT-T Datasheet HTML 1Page - Chip Integration Technology Corporation MBRF2045CT-T Datasheet HTML 2Page - Chip Integration Technology Corporation MBRF2045CT-T Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Document ID : DS-11KIY
Revised Date : 2016/07/14
Revision : C
Main Product Characteristics
I
F ( AV )
10A x 2
V
R R M
T
J
V
F ( Ty p )
45V
150
OC
0.53V
20A Trench Schottky Rectifier
MBRF2045CT-T
Chip Integration Technology Corporation
■ Features
■ Mechanical Data
Low forward voltage drop.
•
Excellent high temperature stability.
•
Fast switching capability.
•
Lead-free parts meet environmental standards of
•
MIL-STD-19500 /228
• Epoxy : UL94-V0 rated fl ame retardant.
.
• Case : JEDEC ITO-220AB molded plastic body
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
.
ed.
• Polarity: As mark
.
• Weight : Approximated 2.25 gram
Forward Voltage Drop (per diode)
Reverse Current (per diode)
Parameter
I
O
I
F S M
I
R R M
T
S T G
Forward Rectified Current (total device)
Forward Surge Current (per diode)
Thermal Resistance (per diode)
Storage Temperature
Parameter
8.3ms single half sine-wave
superimposed on rate load (JEDEC method)
Condition
Symbol
MBRF2045CT-T
UNIT
-55 ~ +150
20
150
A
A
O C/W
O C
2
R
θ J C
Junction to case
Peak Repetitive Reverse Surge Current
A
1
Working Peak Reverse Voltage
V
RW M
45
V
V
F
I
R
V
= V
, T = 25
OC
R
RWM
J
V
= V
, T = 125
OC
R
RWM
J
Condition
Symbol
TYP.
UNIT
20
0.1
mV
mA
MIN.
MAX.
I = 10A, T = 25
OC
F
J
I = 10A, T = 125
OC
F
J
620
(per diode)
530
Junction to ambient
R
θ J A
50
T
J
O C
Operating Junction Temperature
I = 3A, T = 25
OC
440
560
■ Electrical Characteristics
Rating at 25
OC ambient temperature unless otherwise specified.
Pulse width 2us, 1000Hz, square wave
at TA 25oC,10 cycles
Reverse Breakdown Voltage (per diode)
F
J
IR = 0.1mA, TJ = 25
OC
V
BR
V
45
0.005
-55 ~ +150
■ Maximum Ratings
Rating at 25
OC ambient temperature unless otherwise specified.
■ Circuit Diagram
3
■ Outline
ITO-220AB
Alternate
symbol
Dimensions in inches(millimeters)
A
B
C
D
E
F
G
H
I
J
K
L
M
N
ØP
Min
Max
0.383(9.72)
0.404(10.27)
0.248(6.3)
0.272(6.9)
0.571(14.5)
0.610(15.5)
0.516(13.1)
0.547(13.9)
-
0.161(4.1)
0.094(2.4)
0.126(3.2)
0.039(1.0)
0.051(1.3)
0.020(0.5)
0.035(0.9)
0.095(2.41)
0.105(2.67)
0.169(4.3)
0.189(4.8)
0.055(1.4)
0.122(3.1)
0.091(2.3)
0.117(2.96)
0.014(0.35)
0.031(0.8)
0.122(3.1)
0.142(3.6)
Marking code
A
J
B
C
D
E
F
G
H
I
K
L
M
N
ØP
0.039(1.0)
0.051(1.3)
symbol
Dimensions in inches(millimeters)
A
B
C
D
E
F
G
H
I
J
K
L
M
N
ØP
Min
Max
0.390(9.9)
0.408(10.36)
0.268(6.8)
0.283(7.2)
0.583(14.8)
0.598(15.2)
0.512(13.0)
0.543(13.8)
0.102(2.6)
0.150(3.8)
0.101(2.55)
0.112(2.85)
0.043(1.1)
0.053(1.35)
0.043(1.1)
0.053(1.35)
0.020(0.5)
0.028(0.7)
0.098(2.49)
0.102(2.59)
0.169(4.3)
0.185(4.7)
0.112(2.85)
0.128(3.25)
0.098(2.5)
0.114(2.9)
0.020(0.5)
0.028(0.7)
0.130(3.3)
0.134(3.5)
Marking code
A
J
B
C
D
E
F
G
H
I
K
L
M
N
ØP
Dimensions in inches and (millimeters)


Similar Part No. - MBRF2045CT-T

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
MBRF2045CT-45 KERSEMI-MBRF2045CT-45 Datasheet
1Mb / 4P
Guardring for overvoltage protection
MBRF2045CT-E3 KERSEMI-MBRF2045CT-E3 Datasheet
1Mb / 4P
Guardring for overvoltage protection
logo
Vishay Siliconix
MBRF2045CT-E3/45 VISHAY-MBRF2045CT-E3/45 Datasheet
512Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
logo
Kersemi Electronic Co.,...
MBRF2045CT-E345 KERSEMI-MBRF2045CT-E345 Datasheet
1Mb / 4P
Guardring for overvoltage protection
logo
Taiwan Semiconductor Co...
MBRF2045CT-Y TSC-MBRF2045CT-Y Datasheet
231Kb / 4P
Dual Common Cathode Schottky Rectifier
More results

Similar Description - MBRF2045CT-T

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CF20L100CT CITC-CF20L100CT Datasheet
477Kb / 3P
20A Trench Schottky Rectifier
C20L60CT CITC-C20L60CT Datasheet
483Kb / 3P
20A Trench Schottky Rectifier
CF20L45CT CITC-CF20L45CT Datasheet
468Kb / 3P
20A Trench Schottky Rectifier
CF20L120CT CITC-CF20L120CT Datasheet
481Kb / 3P
20A Trench Schottky Rectifier
CF20S100CT CITC-CF20S100CT Datasheet
507Kb / 3P
20A Trench Schottky Rectifier
CTP20L60SG CITC-CTP20L60SG Datasheet
521Kb / 4P
20A Trench Schottky Rectifier
CU20L60CT CITC-CU20L60CT Datasheet
488Kb / 3P
20A Trench Schottky Rectifier
logo
Diodes Incorporated
SDT20120CT DIODES-SDT20120CT Datasheet
756Kb / 7P
20A TRENCH SCHOTTKY RECTIFIER
March 2022
SDT20B100CT DIODES-SDT20B100CT Datasheet
732Kb / 7P
20A TRENCH SCHOTTKY RECTIFIER
March 2022
SDT20A120CT DIODES-SDT20A120CT Datasheet
703Kb / 6P
20A TRENCH SCHOTTKY RECTIFIER
March 2022 Rev. 5 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com