Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF2045CT-T Datasheet(PDF) 3 Page - Chip Integration Technology Corporation

Part # MBRF2045CT-T
Description  20A Trench Schottky Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

MBRF2045CT-T Datasheet(HTML) 3 Page - Chip Integration Technology Corporation

  MBRF2045CT-T Datasheet HTML 1Page - Chip Integration Technology Corporation MBRF2045CT-T Datasheet HTML 2Page - Chip Integration Technology Corporation MBRF2045CT-T Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
http://www.citcorp.com.tw/
Tel:886-3-5600628
Fax:886-3-5600636
Add:Rm. 3, 2F., No.32, Taiyuan St., Zhubei City, Hsinchu County 302, Taiwan (R.O.C.)
■CITC reserves the right to make changes to this document and its products and specifi cations at any
time without notice.
Customers should obtain and confi rm the latest product information and specifi cations before fi nal
■
design, purchase or use.
CITC makes no warranty, representation or guarantee regarding the suitability of its products for any
■
particular purpose, nor does CITC assume any liability for application assistance or customer product
design.
CITC does not warrant or accept any liability with products which are purchased or used for any
■
unintended or unauthorized application.
No license is granted by implication or otherwise under any intellectual property rights of CITC.
■
CITC products are not authorized for use as critical components in life support devices or systems
■
without express written approval of CITC.
■ Ordering / Packing Information
Part number
Case
MBRF2045CT-T
Q'TY/Tube (PCS)
Q'TY/Box (PCS)
Q'TY/Carton (PCS)
MBRF2045CTG-T
ITO-220AB
1000
5000
Notes: 1. For packaging details please reference our website at http://www.citcorp .com.tw/tchinese /products /index.php
Halogen Free
HF
Notes:
Pb-Free
Pb
MBRF2045CT-T : Product type marking code
: CITC Logo
■ Marking Information
MBRF2045CT-T
50
Document ID : DS-11KIY
Revised Date : 2016/07/14
Revision : C
20A Trench Schottky Rectifier
MBRF2045CT-T
Chip Integration Technology Corporation



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com