Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS34-DC Datasheet(PDF) 1 Page - Picker Components

Part # PCS34-DC
Description  DC Input Solid State Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PCS34-DC Datasheet(HTML) 1 Page - Picker Components

  PCS34-DC Datasheet HTML 1Page - Picker Components PCS34-DC Datasheet HTML 2Page - Picker Components PCS34-DC Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PCS34 DC Input Rev D 4/04/2017
1 of 3
E93379
DC Input Solid State Relay
PCS34 DC Input
OUTPUT PARAMETERS Continued
240 A
380 A
480 A
600 A
Load Voltage Range (VAC)
48 - 280 48 - 440 48 - 530 48 - 660
Max. Transient Voltage (Vpk)
600
800
1200
1400
Max. Off-State Leakage Current
10 mA
Max. On-State Voltage Drop
1.7 VRMS
Min. Power Factor
0.5
FEATURES
 High Power Solid State Relay
 SCR Output
 Dielectric Strength of 4,000 VAC
 Panel Mount
 DC Input Control
 Optical Isolation Between Input and Output
 RoHS Compliant
INPUT PARAMETERS (Ta = 30°C)
Control Voltage Range
3 - 32 VDC Without LED
4 - 32 VDC With LED
Must Turn-On Voltage
3 VDC Without LED
4 VDC With LED
Must Turn-Off Voltage
1 VDC
Max. Input Current
25 mA
Max. Reverse Protection Voltage
-32 VDC
ORDERING INFORMATION
Example:
PCS34
-D
-240A
-25
Z
L
Model: PCS34 (DC Input, AC Output)
Control Voltage: D: 3 - 32 VDC Without LED,
4 - 32 VDC With LED
Load Voltage: 240A: 48 - 280 VAC; 380A: 48 - 440 VAC;
480A: 48 - 530 VAC; 600A: 48 - 660 VAC
Load Current: 10: 10 A*; 20: 20 A*; 25: 25 A*; 40: 40 A;
50: 50 A; 60: 60 A; 70: 70 A; 80: 80 A;100: 100 A
Switching Type: Z: Zero Crossing; R: Random Turn-On
Over Voltage Protection: Nil: None; Y: With Varistor
Status LED: Nil: Not Included; L: Indicator LED
Terminal Type: Nil: Screw Terminal; Q: Quick Connect (1/4” Control, 3/8” Power)
*Note: Available in 240 A and 380 A Load Voltages
Box Quantity: 100; Inner Box 2
UL Life Testing
Model PCS34-Dxxx-60-xxx
Control Voltage
3 - 32 VDC Without LED
HP for 6,000 Cycles
4 - 32 With LED
3 HP (17 FLA) Single Phase
UL Life Testing
Model PCS34-D240A-50-xxx
Load Type
Load Voltage
Output Current
Resistive 100k Cycles
240 VAC 50/60 Hz
11.8 Amps at 65°C
Resistive 100k Cycles
280 VAC 50/60 Hz
50 Amps at 25°C
OUTPUT PARAMETERS (Ta = 30°C)
Load Current Range
10 A*
20 A*
25 A*
40 A
50 A
60 A
70 A
80 A
100 A
Max. Surge Current (10 ms) (Apk)
100
200
250
400
500
600
700
800
1,000
Max. I2t (10 ms, A2s)
200
400
500
800
1,250
1,800
2,450
3,200
3,200
Max. Turn-On Time
Random
1 ms
Zero Crossing
1/2 Cycle + 1ms
Max. Turn-Off Time
1/2 Cycle + 1ms
Frequency Range
47 Hz to 63 Hz
Min. Off-State dv/dt
500 V/us
For Accessories and
Heat Sink see page 3
°


Similar Part No. - PCS34-DC

ManufacturerPart #DatasheetDescription
logo
Picker Components
PCS34-AC PICKER-PCS34-AC Datasheet
1Mb / 3P
AC Input Solid State Relay
More results

Similar Description - PCS34-DC

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SCC10506 CELDUC-SCC10506 Datasheet
263Kb / 2P
DC Solid State Relay
SGD15100 CELDUC-SGD15100 Datasheet
120Kb / 3P
DC SOLID STATE RELAY
SPD03505 CELDUC-SPD03505 Datasheet
73Kb / 2P
DC Solid State Relay
STD03205 CELDUC-STD03205 Datasheet
73Kb / 2P
DC Solid State Relay
STD03505 CELDUC-STD03505 Datasheet
74Kb / 2P
DC Solid State Relay
logo
Picker Components
PCS15 PICKER-PCS15_17 Datasheet
1Mb / 3P
AC/DC Input Solid State Relay
PCS53 PICKER-PCS53 Datasheet
1Mb / 3P
DC Input Compact Solid State Relay
logo
Willow Technologies Ltd
SERIESCD WILLOW-SERIESCD Datasheet
746Kb / 4P
DC Solid-State Relay
logo
celduc-relais
SPD07505 CELDUC-SPD07505 Datasheet
212Kb / 2P
DC Solid State Relay
STD03510 CELDUC-STD03510 Datasheet
184Kb / 2P
DC Solid State Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com