Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS34-DC Datasheet(PDF) 2 Page - Picker Components

Part # PCS34-DC
Description  DC Input Solid State Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PCS34-DC Datasheet(HTML) 2 Page - Picker Components

  PCS34-DC Datasheet HTML 1Page - Picker Components PCS34-DC Datasheet HTML 2Page - Picker Components PCS34-DC Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PCS34 DC Input Rev D 4/04/2017
2 of 3
PRECAUTIONS
PCS34 DC Input
PCS34 DC Input
DIMENSIONS (mm)
2 - 4.75 mm x 0.8 mm
Faston Terminal
2 - 6.35 mm x 0.8 mm
Faston Terminal
Screw Terminals
Quick Connects
CHARACTERISTICS
Dielectric Strength
2,500 VAC, 1 min. Input, Output to Base
4,000 VAC, 1 min. Input to Output
Insulation Resistance
1000 MΩ at 500 VDC
Max. Capacitance
8pF (Input to Output)
1)
Whenchoosing a SSR, note the actual loadcurrent and ambient temperature and reference the Characteristic Curves below.
2)
SSR require a adequate heat sinking or other effective cooling measures.
3)
With ambient temperature above 250C refer to the curve of Max. Load Current vs Ambient Temperature for load current derating.
4)
5)
recommended screw installation torque asfollows :
M4 screw mounting
will damage the SSR withheat generated from connections.Also, excessive
6)
to the Current Load. With any heat sink test that the SSR basetemperature does not exceed 65"C.
7)
When using the PCS34 relay with an inductive load, it is suggested to select random
8)
do not choose products with varistor protection(i.e., a model
9)
Listed parameters are based on resistive loads. Do not use the relay beyond the described current, temperature, load or voltage limits as
described in this data sheet.
Operating Temperture
- 30°C to 80°C
Storage Temperature
- 30°C to 100°C
Relative Humidity
45% - 85%
Weight
88 g



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com