Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS41 Datasheet(PDF) 2 Page - Picker Components

Part # PCS41
Description  AC Output Solid State Relay/Output Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PCS41 Datasheet(HTML) 2 Page - Picker Components

  PCS41 Datasheet HTML 1Page - Picker Components PCS41 Datasheet HTML 2Page - Picker Components PCS41 Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PCS41 Rev C 6/21/2017
2 of 2
PCS41
PCS41
PRECAUTIONS
1.
Maximum Soldering Temperatures: 260°C for a maximum of 10 seconds or 350°C for a maximum of 5 seconds.
2.
The SSR case serves to dissipate heat. Install the relays so that they are adequately ventilated. If poor ventilation is unavoidable, the load current must be
reduced. Please refer to the curve of "Max. Load current Vs. Ambient Temperature".
3.
The input circuitry does not incorporate a circuit protecting the SSR from being damaged due to a reversed connection. Make sure that the polarity and the
input and output are correct when connecting.
4.
If the output transient voltage exceeds the nominal value a varistor should be mounted on the SSR output terminals in parallel to prevent a breakdown of
the triac output junction. The result could be a permanent short of the output. The recommended varistor voltage 470V.
5.
When using the relay in phase control applications, at a phase control angle close to 180 degrees the relay's input signal will turn off at the trailing edge of
the AC sine wave. The phase delay must be limited to end 200us before AC zero cross. This assures that the relay has time to switch off. Shorter times
may cause loss of control at the following half cycle.
The use of the PCS41 with an AC Voltage Surge load greater than the rated voltage is possible with the use of a varistor for transient voltage suppression.
For 220VAC applications, a 470 VAC varistor is recommended.
For 380VAC applications, a 750 VAC varistor is recommended.
For 480VAC applications, a 1,100 VAC varistor is recommended.
DIMENSIONS in Inches (mm)
Terminal Layout
(Bottom View)
PC Board Layout
(Top View)
Relay
(Side View)
Silicon Epoxy
“Nil”
CHARACTERISTICS
Dielectric Strength
4,000 VAC, 50 Hz/60 Hz, 1 min. (Input to Output)
Insulation Resistance
1,000 MΩ at 500 VDC
Shock Resistance
980 m/s2
Vibration Resistance
10 Hz - 55 Hz, 1.5 mm DA
CHARACTERISTICS Continued
Operating Temperture
- 30°C to 80°C
Storage Temperature
- 30°C to 100°C
Relative Humidity
45% - 85%
Weight
Approximately 15 g
Relay
(Front View)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com