Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS41 Datasheet(PDF) 1 Page - Picker Components

Part # PCS41
Description  AC Output Solid State Relay/Output Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PCS41 Datasheet(HTML) 1 Page - Picker Components

  PCS41 Datasheet HTML 1Page - Picker Components PCS41 Datasheet HTML 2Page - Picker Components PCS41 Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PCS41 Rev C 6/21/2017
1 of 2
AC Output Solid State Relay/Output Module
PCS41
OUTPUT PARAMETERS (Ta = 25°C)
Rated Voltage
240 VAC
380 VAC
480 VAC
Load Voltage Range VAC
48 - 280
48 - 440
48 - 530
Max. Transient Overvoltage
600 Vpk
800 Vpk
1200 Vpk
Load Current Range
0.1 A to 5 A
Max. Surge Current (10 ms)
Triac Output:120 Apk
SCR OutPut: 250 Apk
Max. On-State Voltage Drop
1.5 VRMS
Max. Off-State Leakage Current
1.5 mA
Min. Off-State dv/dt
200 V/us
Max. Turn-On Time
Zero Cross: 1/2 Cycles + 1 ms;
Random: 1 ms
Max. Turn-Off Time
1/2 Cycles + 1 ms
Min. Power Factor
0.5
Triac Output: 78 A2 s
Max. I2 t (10 ms)
SCR Output: 310 A2 s
FEATURES
 3 Amp, 4 Amp and 5 Amp Rating @ 30° C
 Compatible with AC Type I/O Modules
 4,000 Volt Dielectric Strength
 Built in RC Snubber
 Back to Back SCR or Triac Output
 Optional I/O Module Package
 Epoxy Encapsulated
 RoHS Compliant
E93397
INPUT PARAMETERS (Ta = 25°C)
Control Voltage Range
D
3 VDC - 32 VDC
12D
#
4 VDC - 15 VDC
24D
#
15 VDC - 32 VDC
Must Turn-On Voltage
D
3 VDC
12D
#
5 VDC
24D
#
15 VDC
Must Turn-Off Voltage
1.0 VDC
Max. Input Current
D
25 mA
12D
#
40 mA
24D
#
20 mA
ORDERING INFORMATION
Example:
PCS41
-12D
-240A
-3
T
S
Z
-P
Model: PCS41
Control Voltage: D: 3 - 32 VDC;
12D: 4 - 15 VDC#; 24D: 15 - 32 VDC#
Load Voltage*: 240A: 48 - 280 VAC; 380A: 48 - 440 VAC;
480A: 48 - 530 VAC
Load Current: 3: 3 Amp**; 4: 4 Amp#; 5: 5 Amp**
Output Component*: Nil: SCR; T: Triac
RC Snubber: Nil: Without RC Snubbers; S With RC Snubbers
Switching Type: Z: Zero Crossing, R***: Random Turn-On
Housing: Nil: Silicon Epoxy; -P: Output Module Plastic
*Notes: See Availability Table for Options in Production
**3 Amp and 5 Amp Versions are not UL
*** Random Turn On is Available for 240 VAC and 380 VAC
Box Quantity: XXX; Inner Box YYY
AVAILABILITY TABLE
Control Voltage
Load Voltage
D: 3-32 VDC
12D: 4-15 VDC
24D: 15-32 VDC
24: 240 VAC
Triac Only
SCR or Triac
SCR or Triac
38: 380 VAC
Triac Only
SCR or Triac
SCR or Triac
48: 480 VAC
-
SCR Only
SCR Only
4 Amp, 12D and 24D Only#


Similar Part No. - PCS41

ManufacturerPart #DatasheetDescription
logo
Picker Components
PCS4 PICKER-PCS4 Datasheet
280Kb / 2P
2 Amp Solid State Relay
PCS440A1 PICKER-PCS440A1 Datasheet
190Kb / 2P
Double SCR Solid State Relay
PCS440A1-1 PICKER-PCS440A1-1 Datasheet
190Kb / 2P
Double SCR Solid State Relay
PCS440A1L PICKER-PCS440A1L Datasheet
190Kb / 2P
Double SCR Solid State Relay
PCS440A2 PICKER-PCS440A2 Datasheet
190Kb / 2P
Double SCR Solid State Relay
More results

Similar Description - PCS41

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP560G TOSHIBA-TLP560G Datasheet
259Kb / 5P
TRIAC DRIVER PROGRAMMABLE CONTROLLERS AC-OUTPUT MODULE SOLID STATE RELAY
TLP561G TOSHIBA-TLP561G Datasheet
152Kb / 6P
Triac Driver Programmable Controllers AC-Output Module Solid State Relay
TLP161J TOSHIBA-TLP161J Datasheet
122Kb / 6P
Triac Drive Programmable Controllers Ac−Output Module Solid State Relay
TLP360J TOSHIBA-TLP360J Datasheet
77Kb / 4P
Triac Driver Programmable Controllers AC-Output Module Solid State Relay
TLP361J TOSHIBA-TLP361J Datasheet
78Kb / 4P
Triac Driver Programmable Controllers AC-Output Module Solid State Relay
TLP3507 TOSHIBA-TLP3507 Datasheet
271Kb / 6P
TRIAC DRIVER PROGRAMMABLE CONTROLLERS AC-OUTPUT MODULE SOLID STATE RELAY
logo
Picker Components
PCS27 PICKER-PCS27 Datasheet
309Kb / 2P
AC Output Solid State Relay
PCS27-AC PICKER-PCS27-AC Datasheet
309Kb / 2P
AC Output Solid State Relay
PCS32-AC PICKER-PCS32-AC Datasheet
1Mb / 3P
AC Output Solid State Relay
PCS55 PICKER-PCS55 Datasheet
615Kb / 3P
AC Output Solid State Relay/Output Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com