Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS55 Datasheet(PDF) 1 Page - Picker Components

Part # PCS55
Description  AC Output Solid State Relay/Output Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PCS55 Datasheet(HTML) 1 Page - Picker Components

  PCS55 Datasheet HTML 1Page - Picker Components PCS55 Datasheet HTML 2Page - Picker Components PCS55 Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PCS55 08/07/2017
1 of 3
AC Output Solid State Relay/Output Module
PCS55
OUTPUT PARAMETERS (Ta = 25°C)
10
20
30
40
24
48 VAC—280 VAC
Load Voltage
38
48 VAC—440 VAC
48
48 VAC—530 VAC
60
48 VAC—660 VAC
Max. Transi-
ent Overvolt-
age
24
600 Vpk
38
800 Vpk
48
1,200 Vpk
60
1,600 Vpk
Rated Load Current
10 A
20 A
30 A
40 A
Max. Surge Current (10 ms)
160 Apk 500 Apk 700 Apk
5000
Max I2t for Fusing (10ms, A2s)
128
1250
2450
5000
Min. Load Current
100 mA
Max. Off-state Leakage Current
10 mA
Max. On-state Voltage Drop
1.7 Vrms
Max. Turn-on
Time
DC Input (Zero)
1/2 Cycle + 1 ms
DC Input (Random)
1 ms
110 VAC Input
40 ms
220 VAC Input
40 ms
24 V Input
40 ms
Max. Turn-off
Time
DC Input
1/2 Cycle + 1 ms
110 VAC Input
40 ms
220 VAC Input
40 ms
24 V Input
40 ms
Frequency Range
47 H - 63 Hz
Min. Power Factor
0.5
Min. Off-state dv/dt
500 V/µs
FEATURES
 SCR Output
 LED Status Indicator
 DC or AC Output
 Photoelectric Isolation
 Built in RC Snubber Circuit
 Heatsink Attached
 35 mm DIN Rail or Panel Mounted
INPUT PARAMETERS (Ta = 25°C)
Control Voltage
Range
DC Input
4 VDC - 32 VDC
110 VAC Input
90 VAC - 140 VAC
220 VAC Input
180 VAC - 280 VAC
24 V Input
19.2 VDC/VAC
Must Turn-On Volt-
age
DC Input
4 VDC
110 VAC Input
90 VAC
220 VAC Input
180 VAC
24 V Input
19.2 VDC / VAC
Must Turn-Off Volt-
age
DC Input
1 VDC
110 VAC Input
10 VAC
220 VAC Input
10 VAC
24 V Input
2 VDC / VAC
Max. Input Current
25 mA
Reverse
DC Input
-32 VDC
Protection Voltage
CHARACTERISTICS
4,000 VAC, 1 minute, Input - Output
Dielectric Strength
4,000 VAC, 1 minute, Input/Output - Base
Insulation Resistance
1,000 MΩ at 500 VDC
Operating Temperature
- 30°C to 80°C
Storage Temperature
- 30°C to 100°C
Weight
Approximately 15 g
ORDERING INFORMATION
Example:
PCS55
-110A
-240A
-20
Z
Model: PCS55
Control Voltage: D: 4 - 32 VDC; 110A: 90 - 140 VAC
12D: 4 - 15 VDC#; 24D: 15 - 32 VDC
Load Voltage*: 240A: 48 - 280 VAC; 360A: 48 - 440 VAC;
480A: 48 - 530 VAC; 600A: 48 - 660 VAC
Load Current: 10: 10 Amp; 20: 20 Amp; 30: 30 Amp; 40: 40 A
Switching Type: Z: Zero Crossing, R: Random Turn-On
Housing: Nil: Screw Terminal S: Spring Terminal
Box Quantity: XXX; Inner Box YYY


Similar Part No. - PCS55

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
PCS5035 AEROFLEX-PCS5035 Datasheet
759Kb / 9P
PCS5035 Quintet Precision Current Sources Built-In Comparators
PCS5035-201-1S AEROFLEX-PCS5035-201-1S Datasheet
759Kb / 9P
PCS5035 Quintet Precision Current Sources Built-In Comparators
PCS5035-201-2S AEROFLEX-PCS5035-201-2S Datasheet
759Kb / 9P
PCS5035 Quintet Precision Current Sources Built-In Comparators
PCS5035-7 AEROFLEX-PCS5035-7 Datasheet
759Kb / 9P
PCS5035 Quintet Precision Current Sources Built-In Comparators
PCS5035-901-1S AEROFLEX-PCS5035-901-1S Datasheet
759Kb / 9P
PCS5035 Quintet Precision Current Sources Built-In Comparators
More results

Similar Description - PCS55

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP560G TOSHIBA-TLP560G Datasheet
259Kb / 5P
TRIAC DRIVER PROGRAMMABLE CONTROLLERS AC-OUTPUT MODULE SOLID STATE RELAY
TLP561G TOSHIBA-TLP561G Datasheet
152Kb / 6P
Triac Driver Programmable Controllers AC-Output Module Solid State Relay
TLP161J TOSHIBA-TLP161J Datasheet
122Kb / 6P
Triac Drive Programmable Controllers Ac−Output Module Solid State Relay
TLP360J TOSHIBA-TLP360J Datasheet
77Kb / 4P
Triac Driver Programmable Controllers AC-Output Module Solid State Relay
TLP361J TOSHIBA-TLP361J Datasheet
78Kb / 4P
Triac Driver Programmable Controllers AC-Output Module Solid State Relay
TLP3507 TOSHIBA-TLP3507 Datasheet
271Kb / 6P
TRIAC DRIVER PROGRAMMABLE CONTROLLERS AC-OUTPUT MODULE SOLID STATE RELAY
logo
Picker Components
PCS27 PICKER-PCS27 Datasheet
309Kb / 2P
AC Output Solid State Relay
PCS27-AC PICKER-PCS27-AC Datasheet
309Kb / 2P
AC Output Solid State Relay
PCS32-AC PICKER-PCS32-AC Datasheet
1Mb / 3P
AC Output Solid State Relay
PCS41 PICKER-PCS41 Datasheet
1Mb / 3P
AC Output Solid State Relay/Output Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com