Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJU07N60CT Datasheet(PDF) 2 Page - Chip Integration Technology Corporation

Part # MJU07N60CT
Description  600V Super Junction Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

MJU07N60CT Datasheet(HTML) 2 Page - Chip Integration Technology Corporation

  MJU07N60CT Datasheet HTML 1Page - Chip Integration Technology Corporation MJU07N60CT Datasheet HTML 2Page - Chip Integration Technology Corporation MJU07N60CT Datasheet HTML 3Page - Chip Integration Technology Corporation MJU07N60CT Datasheet HTML 4Page - Chip Integration Technology Corporation MJU07N60CT Datasheet HTML 5Page - Chip Integration Technology Corporation MJU07N60CT Datasheet HTML 6Page - Chip Integration Technology Corporation MJU07N60CT Datasheet HTML 7Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
O
■ Electrical characteristics(T = 25 C unless otherwise specified)
J
PARAMETER
Gate to Source Leakage Current
Input Capacitance
Output Capacitance
Drain to Source Breakdown Voltage
Zero Gate Voltage Drain Current
Reverse Transfer Capacitance
Diode Forward Voltage
Reverse Recovery Time
Reverse Recovery Charge
Gate Threshold Voltage
PARAMETER
PARAMETER
■ Dynamic Characteristics(note:5)
■ Reverse Diode Characteristics
V
= 0V, I = 250µA
G S
D
CONDITIONS
Symbol
V
( B R ) D S S
I
D S S
MIN.
600
TYP.
MAX.
UNIT
µA
I
G S S
580
±100
1
3
V
V
= 600V, V
= 0V, T = 25°C
D S
G S
J
V
= 600V, V
= 0V, T = 150°C
D S
G S
J
V
= ±30V, V
= 0V
G S
D S
C
o s s
C
r s s
pF
C
i s s
2.2
464
552
V
= 25V, V
= 0V, F = 1MHz
D S
G S
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNIT
V
Q
r r
V
S D
2.0
190
0.9
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNIT
V
= V , I = 250µA
G S
D S
D
V
G S ( t h )
2
4
Drain to Source On Resistance
V
= 10V, I = 3.5A
G S
D
V
= 0V, V
open, f=1MHz
G S
D S
R
D S ( o n )
520
2.9
I =3.5A, V
= 0V
F
G S
V =300V, I =3.5A, dI /dt = 100A/μs
R
F
F
t
r r
µC
Turn on Delay Time
Rise Time
Turn off Delay Time
Fall Time
V
= 400, I = 3.5A,V =10V R =10Ω
D D
D
G S
G
ns
27
27
23
22
mΩ
ns
t
d ( o n )
t
r
t
d ( o ff )
t
f
nA
10
Gate Resistance
R
G
Ω
■ Static Characteristics
Total Gate Charge
Gate to Source Charge
Gate to Drain (Miller) Charge
V
= 480V, I = 3.5A V =10V
D D
D
G S
Q
g
Q
g s
Q
g d
10
2.7
2.6
nC
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
Document ID : DS-22M82
Revised Date : 2015/12/11
Revision : C
MJU07N60CT
600V Super Junction Power MOSFET
Chip Integration Technology Corporation



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com