Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJU07N60CT Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # MJU07N60CT
Description  600V Super Junction Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

MJU07N60CT Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  MJU07N60CT Datasheet HTML 1Page - Chip Integration Technology Corporation MJU07N60CT Datasheet HTML 2Page - Chip Integration Technology Corporation MJU07N60CT Datasheet HTML 3Page - Chip Integration Technology Corporation MJU07N60CT Datasheet HTML 4Page - Chip Integration Technology Corporation MJU07N60CT Datasheet HTML 5Page - Chip Integration Technology Corporation MJU07N60CT Datasheet HTML 6Page - Chip Integration Technology Corporation MJU07N60CT Datasheet HTML 7Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
MJU07N60CT
600V Super Junction Power MOSFET
Document ID : DS-22M82
Revised Date : 2015/12/11
Revision : C
■ Pin Description
■ Features
High speed power switching
•
100% UIS tested, 100% Rg tested
•
nhanced avalanche ruggedness
• Ε
Lead free, halogen free
•
■ Application
• SMPS
• Ηard switching and high speed circuit
• LED lighting
• Flyback
O
■ Absolute Maximum Ratings (T = 25 C unless otherwise specified)
A
PARAMETER
Pulsed Drain Current
Drain to Source Voltage
Gate to Source Voltage
CONDITIONS
Symbol
V
D S
P
D
MJU07N60CT
±30
18
UNIT
-55 to 150
A
W
I
D M
600
7
A
V
G S
V
1.2
Operating and Storage Temperature
E
A S
104
mJ
Thermal Resistance Junction-Ambient
R
t h J A
O C/W
Power Dissipation
Continuous Drain Current
O
T = 25 C
C
I
D
Thermal Resistance Junction-case
55
R
t h J C
O C
Chip Integration Technology Corporation
■ Main product characteristics
V
D S
R
D S ( o n ) , m a x
I
D
600V
580mΩ
7A
V
Avalanche energy, single pulse
O
L =4.0mH, T =25 C
C
T , T
J
S T G
100
O
T = 25 C
C
O C/W
TO-251
■ Absolute Maximum Ratings
PARAMETER
Symbol
UNIT
MJU07N60CT


Similar Part No. - MJU07N60CT

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
MJU02N70CT CITC-MJU02N70CT Datasheet
274Kb / 7P
700V Super Junction Power MOSFET
MJU03N60CT CITC-MJU03N60CT Datasheet
275Kb / 7P
600V Super Junction Power MOSFET
MJU05N70 CITC-MJU05N70 Datasheet
4Mb / 7P
700V Super Junction Power MOSFET
More results

Similar Description - MJU07N60CT

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HCA60R095T SEMIHOW-HCA60R095T Datasheet
270Kb / 7P
600V N-Channel Super Junction MOSFET
logo
Chip Integration Techno...
MJU03N60CT CITC-MJU03N60CT Datasheet
275Kb / 7P
600V Super Junction Power MOSFET
logo
Wuxi Unigroup Microelec...
TPD60R700C WUMC-TPD60R700C Datasheet
1Mb / 12P
600V Super-Junction Power MOSFET
TPD65R350C WUMC-TPD65R350C Datasheet
1Mb / 12P
600V Super-Junction Power MOSFET
TPW60R075C WUMC-TPW60R075C Datasheet
775Kb / 8P
600V Super-Junction Power MOSFET
TPW60R080CFD WUMC-TPW60R080CFD Datasheet
775Kb / 8P
600V Super-Junction Power MOSFET
TPA60R150C WUMC-TPA60R150C Datasheet
1Mb / 10P
600V Super-Junction Power MOSFET
TPA60R350C WUMC-TPA60R350C Datasheet
1Mb / 12P
600V Super-Junction Power MOSFET
TPA60R580C WUMC-TPA60R580C Datasheet
1Mb / 12P
600V Super-Junction Power MOSFET
logo
Pan Jit International I...
PJD60R620E PANJIT-PJD60R620E Datasheet
1Mb / 8P
600V N-Channel Super Junction MOSFET
February 1,2018-REV.00
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com