Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2047 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS2047
Description  POWER DISTRIBUTION SWITCHES
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2047 Datasheet(HTML) 1 Page - Texas Instruments

  TPS2047 Datasheet HTML 1Page - Texas Instruments TPS2047 Datasheet HTML 2Page - Texas Instruments TPS2047 Datasheet HTML 3Page - Texas Instruments TPS2047 Datasheet HTML 4Page - Texas Instruments TPS2047 Datasheet HTML 5Page - Texas Instruments TPS2047 Datasheet HTML 6Page - Texas Instruments TPS2047 Datasheet HTML 7Page - Texas Instruments TPS2047 Datasheet HTML 8Page - Texas Instruments TPS2047 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
TPS2030, TPS2031, TPS2032, TPS2033, TPS2034
POWERDISTRIBUTION SWITCHES
SLVS190B − DECEMBER 1998 − REVISED MARCH 2004
1
TI.COM
D 33-mΩ (5-V Input) High-Side MOSFET
Switch
D Short-Circuit and Thermal Protection
D Overcurrent Logic Output
D Operating Range . . . 2.7 V to 5.5 V
D Logic-Level Enable Input
D Typical Rise Time . . . 6.1 ms
D Undervoltage Lockout
D Maximum Standby Supply
Current ...10
µA
D No Drain-Source Back-Gate Diode
D Available in 8-pin SOIC and PDIP Packages
D Ambient Temperature Range, −40°C to 85°C
D 2-kV Human-Body-Model, 200-V
Machine-Model ESD Protection
D UL Listed − File No. E169910
description
The TPS203x family of power distribution switches is intended for applications where heavy capacitive loads
and short circuits are likely to be encountered. These devices are 50-m
Ω N-channel MOSFET high-side power
switches. The switch is controlled by a logic enable compatible with 5-V logic and 3-V logic. Gate drive is
provided by an internal charge pump designed to control the power-switch rise times and fall times to minimize
current surges during switching. The charge pump requires no external components and allows operation from
supplies as low as 2.7 V.
When the output load exceeds the current-limit threshold or a short is present, the TPS203x limits the output
current to a safe level by switching into a constant-current mode, pulling the overcurrent (OC) logic output low.
When continuous heavy overloads and short circuits increase the power dissipation in the switch, causing the
junction temperature to rise, a thermal protection circuit shuts off the switch to prevent damage. Recovery from
a thermal shutdown is automatic once the device has cooled sufficiently. Internal circuitry ensures the switch
remains off until valid input voltage is present.
The TPS203x devices differ only in short-circuit current threshold. The TPS2030 limits at 0.3-A load, the
TPS2031 at 0.9-A load, the TPS2032 at 1.5-A load, the TPS2033 at 2.2-A load, and the TPS2034 at 3-A load
(see Available Options). The TPS203x is available in an 8-pin small-outline integrated-circuit (SOIC) package
and in an 8-pin dual-in-line (DIP) package and operates over a junction temperature range of − 40
°C to 125°C.
TPS201xA
TPS202x
TPS203x
33 m
Ω, single
0.2 A − 2 A
0.2 A − 2 A
0.2 A − 2 A
TPS2014
TPS2015
TPS2041
TPS2051
TPS2045
TPS2055
80 m
Ω, single
600 mA
1 A
500 mA
500 mA
250 mA
250 mA
GENERAL SWITCH CATALOG
TPS2042
TPS2052
TPS2046
TPS2056
80 m
Ω, dual
500 mA
500 mA
250 mA
250 mA
TPS2100/1
260 m
Ω
IN1
500 mA
IN2
10 mA
OUT
IN1
IN2
TPS2102/3/4/5
IN1
500 mA
IN2
100 mA
1.3
Ω
TPS2043
TPS2053
TPS2047
TPS2057
80 m
Ω, triple
500 mA
500 mA
250 mA
250 mA
TPS2044
TPS2054
TPS2048
TPS2058
80 m
Ω, quad
500 mA
500 mA
250 mA
250 mA
Copyright
 1999 − 2004 Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
GND
IN
IN
EN
OUT
OUT
OUT
OC
D OR P PACKAGE
(TOP VIEW)


Similar Part No. - TPS2047

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2047 TI-TPS2047 Datasheet
420Kb / 24P
TRIPLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2047 TI-TPS2047 Datasheet
1Mb / 37P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2047 TI1-TPS2047 Datasheet
597Kb / 27P
TRIPLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2047 TI2-TPS2047 Datasheet
524Kb / 26P
TRIPLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
APRIL 1999
TPS2047A TI-TPS2047A Datasheet
478Kb / 31P
CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2047

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
POWER-DISTRIBUTION SWITCHES
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
POWER-DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
POWER DISTRIBUTION SWITCHES
TPS2030-Q1 TI1-TPS2030-Q1 Datasheet
436Kb / 24P
POWER-DISTRIBUTION SWITCHES
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
POWER-DISTRIBUTION SWITCHES
TPS2041DR TI-TPS2041DR Datasheet
578Kb / 25P
POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2090 TI1-TPS2090_16 Datasheet
1Mb / 26P
POWER-DISTRIBUTION SWITCHES
TPS2102 TI1-TPS2102_08 Datasheet
462Kb / 20P
POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com