Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2047 Datasheet (PDF) - Texas Instruments

TPS2047 Datasheet PDF - Texas Instruments
Part # TPS2047
Download  TPS2047 Download
File Size   524.98 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TRIPLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES

TPS2047 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2047 Datasheet PDF - Texas Instruments

Part # TPS2047
Download  TPS2047 Click to download

File Size   524.98 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TRIPLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES

TPS2047 Datasheet (HTML) - Texas Instruments


TPS2047 Product details

features
135-mW -Maximum (5-V Input) High-Side
MOSFET Switch
250 mA Continuous Current per Channel
Independent Short-Circuit and Thermal
Protection With Overcurrent Logic Output
Operating Range . . . 2.7-V to 5.5-V
Logic-Level Enable Input
2.5-ms Typical Rise Time
Undervoltage Lockout
20 mA Maximum Standby Supply Current
Bidirectional Switch
Available in 16-pin SOIC Package
Ambient Temperature Range, –40°C to 85°C
2-kV Human-Body-Model, 200-V
Machine-Model ESD Protection

typical applications
Notebook, Desktop and Palmtop PCs
Monitors, Keyboards, Scanners, and
Printers
Digital Cameras, Phones, and PBXs
Hot-Insertion Applications

description
The TPS2047 and TPS2057 triple power-distribution switches are intended for applications where heavy
capacitive loads and short circuits are likely. These devices incorporate in single packages three 135-mW
N-channel MOSFET high-side power switches for power-distribution systems that require multiple power
switches. Each switch is controlled by a logic enable compatible with 5-V and 3-V logic. Gate drive is provided
by an internal charge pump that controls the power-switch rise times and fall times to minimize current surges
during switching. The charge pump, requiring no external components, allows operation from supplies as low
as 2.7 V.
When the output load exceeds the current-limit threshold or a short is present, the TPS2047 and TPS2057 limit
the output current to a safe level by switching into a constant-current mode, pulling the overcurrent (OCx) logic
output low. When continuous heavy overloads and short circuits increase the power dissipation in the switch
causing the junction temperature to rise, a thermal protection circuit shuts off the switch in overcurrent to prevent
damage. Recovery from a thermal shutdown is automatic once the device has cooled sufficiently. Internal
circuitry ensures the switch remains off until valid input voltage is present.
The TPS2047 and TPS2057 are designed to limit at 0.44-A load. These power-distribution switches are
available in 16-pin small-outline integrated circuit (SOIC) packages and operate over an ambient temperature
range of –40°C to 85°C.




Similar Part No. - TPS2047

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2047 TI-TPS2047 Datasheet
420Kb / 24P
TRIPLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2047 TI-TPS2047 Datasheet
470Kb / 25P
POWER DISTRIBUTION SWITCHES
TPS2047 TI-TPS2047 Datasheet
1Mb / 37P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2047 TI1-TPS2047 Datasheet
597Kb / 27P
TRIPLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2047A TI-TPS2047A Datasheet
478Kb / 31P
CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results


Similar Description - TPS2047

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2047 TI-TPS2047 Datasheet
420Kb / 24P
TRIPLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
CURRENT LIMITED POWER DISTRIBUTION SWITCHES
Oct-2003
ST2054 STMICROELECTRONICS-ST2054 Datasheet
445Kb / 9P
CURRENT LIMITED POWER DISTRIBUTION SWITCHES
13-Jul-2005
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
Current Limited, Power-Distribution Switches
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2047 TI1-TPS2047_14 Datasheet
597Kb / 27P
TRIPLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com