Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2047 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS2047
Description  TRIPLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2047 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2047 Datasheet HTML 3Page - Texas Instruments TPS2047 Datasheet HTML 4Page - Texas Instruments TPS2047 Datasheet HTML 5Page - Texas Instruments TPS2047 Datasheet HTML 6Page - Texas Instruments TPS2047 Datasheet HTML 7Page - Texas Instruments TPS2047 Datasheet HTML 8Page - Texas Instruments TPS2047 Datasheet HTML 9Page - Texas Instruments TPS2047 Datasheet HTML 10Page - Texas Instruments TPS2047 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
TPS2047, TPS2057
TRIPLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
SLVS194 – APRIL 1999
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating junction temperature range, VI(INx)= 5.5 V,
IO = rated current, VI(ENx) = 0 V, VI(ENx) = Hi (unless otherwise noted) (continued)
supply current
PARAMETER
TEST CONDITIONS
TPS2047
TPS2057
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
TJ = 25°C
TPS2047
0.03
2
Supply current,
No Load
VI(ENx) = VI(INx)
–40
°C ≤ TJ ≤ 125°C
TPS2047
20
µA
y,
low-level output
on OUTx
VI(EN ) =0V
TJ = 25°C
TPS2057
0.03
2
µA
VI(ENx) = 0 V
–40
°C ≤ TJ ≤ 125°C
TPS2057
20
V
0V
TJ = 25°C
TPS2047
160
200
Supply current,
high level
No Load
VI(ENx) = 0 V
–40
°C ≤ TJ ≤ 125°C
TPS2047
200
µA
high-level
output
on OUTx
VI(EN ) =VI(IN )
TJ = 25°C
TPS2057
160
200
µA
VI(ENx) = VI(INx)
–40
°C ≤ TJ ≤ 125°C
TPS2057
200
Leakage
OUTx connected
VI(ENx) = VI(INx)
40
°C ≤ TJ ≤ 125°C
TPS2047
200
µA
g
current
to ground
VI(ENx) = 0 V
–40
°C ≤ TJ ≤ 125°C
TPS2057
200
µA
Reverse
INx = high
VI(ENx) = 0 V
TJ =25°C
TPS2047
0.3
µA
leakage current
g
impedance
VI(ENx) = Hi
TJ = 25°C
TPS2057
0.3
µA
undervoltage lockout
PARAMETER
TEST CONDITIONS
TPS2047
TPS2057
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Low-level input voltage
2
2.5
2
2.5
V
Hysteresis
TJ = 25°C
100
100
mV
overcurrent OCx
PARAMETER
TEST CONDITIONS
TPS2047
TPS2057
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Sink current†
VO = 5 V
10
10
mA
Output low voltage
IO = 5 mA, VOL(OCx)
0.5
0.5
V
Off-state current†
VO = 5 V,
VO = 3.3 V
1
1
µA
† Specified by design, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com