Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2047 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS2047
Description  TRIPLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2047 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2047 Datasheet HTML 2Page - Texas Instruments TPS2047 Datasheet HTML 3Page - Texas Instruments TPS2047 Datasheet HTML 4Page - Texas Instruments TPS2047 Datasheet HTML 5Page - Texas Instruments TPS2047 Datasheet HTML 6Page - Texas Instruments TPS2047 Datasheet HTML 7Page - Texas Instruments TPS2047 Datasheet HTML 8Page - Texas Instruments TPS2047 Datasheet HTML 9Page - Texas Instruments TPS2047 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
TPS2047, TPS2057
TRIPLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
SLVS194 – APRIL 1999
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating junction temperature range, VI(INx)= 5.5 V,
IO = rated current, VI(ENx) = 0 V, VI(ENx) = Hi (unless otherwise noted)
power switch
PARAMETER
TEST CONDITIONS†
TPS2047
TPS2057
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VI(INx) = 5 V,
IO = 0.25 A
TJ = 25°C,
80
95
80
95
Static drain-source on-state
resistance, 5-V operation
VI(INx) = 5 V,
IO = 0.25 A
TJ = 85°C,
90
120
90
120
rDS( )
VI(INx) = 5 V,
IO = 0.25 A
TJ = 125°C,
100
135
100
135
m
Ω
rDS(on)
VI(INx) = 3.3 V,
IO = 0.25 A
TJ = 25°C,
85
105
85
105
Static drain-source on-state
resistance, 3.3-V operation
VI(INx) = 3.3 V,
IO = 0.25 A
TJ = 85°C,
100
135
100
135
VI(INx) = 3.3 V,
IO = 0.25 A
TJ = 125°C,
115
150
115
150
t
Rise time output
VI(INx) = 5.5 V,
CL = 1 µF,
TJ = 25°C,
RL = 20 Ω
2.5
2.5
ms
tr
Rise time, output
VI(INx) = 2.7 V,
CL = 1 µF,
TJ = 25°C,
RL = 20 Ω
3
3
ms
tf
Fall time output
VI(INx) = 5.5 V,
CL = 1 µF,
TJ = 25°C,
RL = 20 Ω
4.4
4.4
ms
tf
Fall time, output
VI(INx) = 2.7 V,
CL = 1 µF,
TJ = 25°C,
RL = 20 Ω
2.5
2.5
ms
† Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account separately.
enable input ENx or ENx
PARAMETER
TEST CONDITIONS
TPS2047
TPS2057
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIH
High–level input voltage
2.7 V
≤ VI(INx) ≤ 5.5 V
2
2
V
VIL
Low level input voltage
4.5 V
≤ VI(INx) ≤ 5.5 V
0.8
0.8
V
VIL
Low–level input voltage
2.7 V
≤ VI(INx) ≤ 4.5 V
0.4
0.4
II
Input current
TPS2047
VI(ENx) = 0 V or VI(ENx) = VI(INx)
–0.5
0.5
µA
II
Input current
TPS2057
VI(ENx) = VI(INx) or VI(ENx) = 0 V
–0.5
0.5
µA
ton
Turnon time
CL = 100 µF, RL = 20 Ω
20
20
ms
toff
Turnoff time
CL = 100 µF, RL = 20 Ω
40
40
current limit
PARAMETER
TEST CONDITIONS†
TPS2047
TPS2057
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
IOS
Short-circuit output current
VI(INx) = 5 V, OUT connected to GND,
Device enable into short circuit
0.345
0.44
0.525
0.345
0.44
0.525
A
† Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account separately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com